Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M59DR032E-ZFE Datasheet(PDF) 19 Page - STMicroelectronics

Part # M59DR032E-ZFE
Description  32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR032E-ZFE Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M59DR032E-ZFE Datasheet HTML 15Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 16Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 17Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 18Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 19Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 20Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 21Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 22Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
19/43
M59DR032EA, M59DR032EB
Table 12. Status Register Bits
Note: 1. Logic level ’1’ is High, ’0’ is Low. -0-1-0-0-0-1-1-1-0- represent bit value in successive read operations.
2. In case of double word program DQ7 refers to the last word input.
DQ
Name
Logic Level
Definition
Note
7
Data
Polling
’1’
Erase complete or erase block
in Erase Suspend.
Indicates the P/E.C. status, check
during Program or Erase, and on
completion before checking bits DQ5
for Program or Erase success.
’0’
Erase in progress
DQ
Program complete or data of
non erase block during Erase
Suspend.
DQ
Program in progress(2)
6
Toggle Bit
’-1-0-1-0-1-0-1-’
Erase or Program in progress
Successive reads output
complementary data on DQ6 while
Programming or Erase operations are
in progress. DQ6 remains at constant
level when P/E.C. operations are
completed or Erase Suspend is
acknowledged.
DQ
Program complete
’-1-1-1-1-1-1-1-’
Erase complete or Erase
Suspend on currently addressed
block
5
Error Bit
’1’
Program or Erase Error
This bit is set to ’1’ in the case of
Programming or Erase failure.
’0’
Program or Erase in progress
4
Reserved
3
Erase Time
Bit
’1’
Erase Timeout Period Expired
P/E.C. Erase operation has started.
Only possible command entry is Erase
Suspend
’0’
Erase Timeout Period in
progress
An additional block to be erased in
parallel can be entered to the P/E.C
provided that it belongs to the same
bank
2
Toggle Bit
’-1-0-1-0-1-0-1-’
Erase Suspend read in the
Erase Suspended Block.
Erase Error due to the currently
addressed block (when DQ5 =
’1’).
Indicates the erase status and allows
to identify the erased block.
1
Program in progress or Erase
complete.
DQ
Erase Suspend read on non
Erase Suspend block.
1
Reserved
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com