Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M59DR032E-ZFE Datasheet(PDF) 25 Page - STMicroelectronics

Part # M59DR032E-ZFE
Description  32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR032E-ZFE Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M59DR032E-ZFE Datasheet HTML 21Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 22Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 23Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 24Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 25Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 26Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 27Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 28Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
25/43
M59DR032EA, M59DR032EB
Table 17. Read AC Characteristics
Note: 1. Sampled only, not 100% tested.
2. G may be delayed by up to tELQV - tGLQV after the falling edge of E without increasing tELQV.
Symbol
Alt
Parameter
Test Condition
M59DR032E
Unit
85
100
120
Min
Max
Min
Max
Min
Max
tAVAV
tRC
Address Valid to Next
Address Valid
E = VIL, G = VIL
85
100
120
ns
tAVQV
tACC
Address Valid to Output
Valid (Random)
E = VIL, G = VIL
85
100
120
ns
tAVQV1
tPAGE
Address Valid to Output
Valid (Page)
E = VIL, G = VIL
30
35
45
ns
tELQX
(1)
tLZ
Chip Enable Low to
Output Transition
G = VIL
000
ns
tELQV
(2)
tCE
Chip Enable Low to
Output Valid
G = VIL
85
100
120
ns
tGLQX
(1)
tOLZ
Output Enable Low to
Output Transition
E = VIL
000
ns
tGLQV
(2)
tOE
Output Enable Low to
Output Valid
E = VIL
25
25
35
ns
tEHQX
tOH
Chip Enable High to
Output Transition
G = VIL
000
ns
tEHQZ
(1)
tHZ
Chip Enable High to
Output Hi-Z
G = VIL
20
25
35
ns
tGHQX
tOH
Output Enable High to
Output Transition
E = VIL
000
ns
tGHQZ
(1)
tDF
Output Enable High to
Output Hi-Z
E = VIL
20
25
35
ns
tAXQX
tOH
Address Transition to
Output Transition
E = VIL, G = VIL
000
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com