Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M59DR032E-ZFE Datasheet(PDF) 15 Page - STMicroelectronics

Part # M59DR032E-ZFE
Description  32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR032E-ZFE Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M59DR032E-ZFE Datasheet HTML 11Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 12Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 13Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 14Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 15Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 16Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 17Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 18Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
15/43
M59DR032EA, M59DR032EB
Table 8. Read Protection Register
Note: X= Don’t care.
Table 9. Program, Erase Times and Program, Erase Endurance Cycles
Note: 1. Excludes the time needed to execute the sequence for program command.
2. Same timing value if VPP = 12V
Word
E
G
W
A20-A8
A7-0
DQ15-8
DQ7-3
DQ2
DQ1
DQ0
Lock
VIL
VIL
VIH
X
80h
XXh
00000b
Security
prot.data
OTP
prot.data
0
Unique ID 0
VIL
VIL
VIH
X
81h
ID data
ID data
ID data
ID data
ID data
Unique ID 1
VIL
VIL
VIH
X
82h
ID data
ID data
ID data
ID data
ID data
Unique ID 2
VIL
VIL
VIH
X
83h
ID data
ID data
ID data
ID data
ID data
Unique ID 3
VIL
VIL
VIH
X
84h
ID data
ID data
ID data
ID data
ID data
OTP 0
VIL
VIL
VIH
X
85h
OTP data
OTP data
OTP data
OTP data
OTP data
OTP 1
VIL
VIL
VIH
X
86h
OTP data
OTP data
OTP data
OTP data
OTP data
OTP 2
VIL
VIL
VIH
X
87h
OTP data
OTP data
OTP data
OTP data
OTP data
OTP 3
VIL
VIL
VIH
X
88h
OTP data
OTP data
OTP data
OTP data
OTP data
Parameter
M59DR032E
Unit
Min
Max
Typ
Typical after
100k W/E Cycles
Parameter Block (4 KWord) Erase (Preprogrammed)
2.5
0.3
1
s
Main Block (32 KWord) Erase (Preprogrammed)
4
0.8
3
s
Bank Erase (Preprogrammed, Bank A)
3
6
s
Bank Erase (Preprogrammed, Bank B)
20
30
s
Chip Program (1)
20
25
s
Chip Program (Double Word, VPP = 12V)
(1)
8s
Word Program (2)
100
10
µs
Double Word Program (VPP = 12V)
100
8
µs
Quadruple Word Program (VPP = 12V)
100
8
µs
Program/Erase Cycles (per Block)
100,000
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com