Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M59DR032E-ZFE Datasheet(PDF) 40 Page - STMicroelectronics

Part # M59DR032E-ZFE
Description  32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR032E-ZFE Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M59DR032E-ZFE Datasheet HTML 35Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 36Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 37Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 38Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 39Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 40Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 41Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 42Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
M59DR032EA, M59DR032EB
40/43
Table 32. CFI Query System Interface Information
Offset
Data
Description
1Bh
0017h
VDD Logic Supply Minimum Program/Erase or Write voltage
bit 7 to 4
BCD value in volts
bit 3 to 0
BCD value in 100 millivolts
1Ch
0022h
VDD Logic Supply Maximum Program/Erase or Write voltage
bit 7 to 4
BCD value in volts
bit 3 to 0
BCD value in 100 millivolts
1Dh
0000h
VPP [Programming] Supply Minimum Program/Erase voltage
bit 7 to 4
HEX value in volts
bit 3 to 0
BCD value in 100 millivolts
Note: This value must be 0000h if no VPP pin is present
1Eh
00C0h
VPP [Programming] Supply Maximum Program/Erase voltage
bit 7 to 4
HEX value in volts
bit 3 to 0
BCD value in 100 millivolts
Note: This value must be 0000h if no VPP pin is present
1Fh
0004h
Typical timeout per single byte/word program (multi-byte program count = 1), 2n µs
(if supported; 0000h = not supported)
20h
0003h
Typical timeout for maximum-size multi-byte program or page write, 2n µs
(if supported; 0000h = not supported)
21h
000Ah
Typical timeout per individual block erase, 2n ms
(if supported; 0000h = not supported)
22h
0000h
Typical timeout for full chip erase, 2n ms
(if supported; 0000h = not supported)
23h
0003h
Maximum timeout for byte/word program, 2n times typical (offset 1Fh)
(0000h = not supported)
24h
0004h
Maximum timeout for multi-byte program or page write, 2n times typical (offset 20h)
(0000h = not supported)
25h
0002h
Maximum timeout per individual block erase, 2n times typical (offset 21h)
(0000h = not supported)
26h
0000h
Maximum timeout for chip erase, 2n times typical (offset 22h)
(0000h = not supported)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com