Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M59DR032E-ZFE Datasheet(PDF) 27 Page - STMicroelectronics

Part # M59DR032E-ZFE
Description  32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR032E-ZFE Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M59DR032E-ZFE Datasheet HTML 23Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 24Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 25Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 26Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 27Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 28Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 29Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 30Page - STMicroelectronics M59DR032E-ZFE Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
27/43
M59DR032EA, M59DR032EB
Figure 10. Write AC Waveforms, Chip Enable Controlled
Note: Addresses are latched on the falling edge of E, Data is latched on the rising edge of E.
Table 19. Write AC Characteristics, Chip Enable Controlled
Symbol
Alt
Parameter
M59DR032E
Unit
85
100
120
Min
Max
Min
Max
Min
Max
tAVAV
tWC
Address Valid to Next Address Valid
85
100
120
ns
tWLEL
tWS
Write Enable Low to Chip Enable Low
0
0
0
ns
tELEH
tCP
Chip Enable Low to Chip Enable High
50
50
50
ns
tDVEH
tDS
Input Valid to Chip Enable High
40
50
50
ns
tEHDX
tDH
Chip Enable High to Input Transition
0
0
0
ns
tEHWH
tWH
Chip Enable High to Write Enable High
0
0
0
ns
tEHEL
tCPH
Chip Enable High to Chip Enable Low
30
30
30
ns
tAVEL
tAS
Address Valid to Chip Enable Low
0
0
0
ns
tELAX
tAH
Chip Enable Low to Address Transition
50
50
50
ns
tGHEL
Output Enable High Chip Enable Low
0
0
0
ns
tVDHWL
tVCS
VDD High to Write Enable Low
50
50
50
µs
tEHGL
tOEH
Chip Enable High to Output Enable Low
30
30
30
ns
tPLQ7V
RP Low to Reset Complete During
Program/Erase
15
15
15
µs
AI06193
E
G
W
A0-A20
DQ0-DQ15
VALID
VALID
VDD
tVDHWL
tEHWH
tEHEL
tWLEL
tAVEL
tEHGL
tELAX
tEHDX
tAVAV
tDVEH
tELEH
tGHEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com