Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7B0AB Datasheet(PDF) 128 Page - STMicroelectronics

Part # STM32H7B0AB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0AB Datasheet(HTML) 128 Page - STMicroelectronics

Back Button STM32H7B0AB Datasheet HTML 124Page - STMicroelectronics STM32H7B0AB Datasheet HTML 125Page - STMicroelectronics STM32H7B0AB Datasheet HTML 126Page - STMicroelectronics STM32H7B0AB Datasheet HTML 127Page - STMicroelectronics STM32H7B0AB Datasheet HTML 128Page - STMicroelectronics STM32H7B0AB Datasheet HTML 129Page - STMicroelectronics STM32H7B0AB Datasheet HTML 130Page - STMicroelectronics STM32H7B0AB Datasheet HTML 131Page - STMicroelectronics STM32H7B0AB Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 205 page
background image
Symbol
Parameter
Conditions
Min(1)
Typ(1)
Max(1)
Unit
fS(3)
Sampling rate for
Direct channels
Resolution = 16
bits,
VDDA > 2.5 V
TJ =
90 °C
fADC = 36 MHz SMP = 1.5
-
-
3.60
MSPS
Resolution = 16
bits
fADC = 37 MHz SMP = 2.5
-
-
3.35
Resolution = 14
bits
TJ =
125 °C
fADC = 50 MHz SMP = 2.5
-
-
5.00
Resolution = 12
bits
fADC=50 MHz
SMP = 2.5
-
-
5.50
Resolution = 10
bits
fADC=50 MHz
SMP=1.5
-
-
7.10
Resolution = 8
bits
fADC=50 MHz
SMP=1.5
-
-
8.30
Sampling rate for Fast
channels
Resolution = 16
bits, VDDA>2.5V
TJ = 90 °C
fADC=32 MHz
SMP=2.5
-
-
2.90
Resolution = 16
bits
fADC=31 MHz
SMP=2.5
-
-
2.80
Resolution = 14
bits
TJ =
125°C
fADC=33 MHz
SMP=2.5
-
-
3.30
Resolution = 12
bits
fADC=39 MHz
SMP=2.5
-
-
4.30
Resolution = 10
bits
fADC=48 MHz
SMP=2.5
-
-
6.00
Resolution = 8
bits
fADC=50 MHz
SMP=2.5
-
-
7.10
Sampling rate for
Slow channels,
BOOST = 00, fADC =
10 MHz
Resolution = 16
bits
TJ = 90 °C
fADC=10 MHz
SMP=1.5
-
-
1.00
Resolution = 14
bits
TJ =
125 °C
-
-
Resolution = 12
bits
-
-
Resolution = 10
bits
-
-
Resolution = 8
bits
-
-
tTRIG
External trigger period
Resolution = 16 bits
-
-
10
1/fADC
VAIN(4)
Conversion voltage
range
-
0
-
VREF+
V
VCMIV
Common mode input
voltage
-
VREF/2
− 10%
VREF/
2
VREF/2
+ 10%
V
RAIN(5)
External input
impedance
Resolution = 16 bits, TJ = 125 °C
-
-
170
Ω
Resolution = 14 bits, TJ= 125 °C
-
-
435
Resolution = 12 bits, TJJ = 125 °C
-
-
1150
Resolution = 10 bits, TJ = 125 °C
-
-
5650
Resolution = 8 bits, TJ = 125 °C
-
-
26500
CADC
Internal sample and
hold capacitor
-
-
4
-
pF
tADCVREG_
STUP
ADC LDO startup time
-
-
5
10
µs
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 128/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com