Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IIS2ICLX Datasheet(PDF) 86 Page - STMicroelectronics

Part # IIS2ICLX
Description  High-accuracy, high-resolution, low-power, 2-axis digital inclinometer with embedded machine learning core
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2ICLX Datasheet(HTML) 86 Page - STMicroelectronics

Back Button IIS2ICLX Datasheet HTML 82Page - STMicroelectronics IIS2ICLX Datasheet HTML 83Page - STMicroelectronics IIS2ICLX Datasheet HTML 84Page - STMicroelectronics IIS2ICLX Datasheet HTML 85Page - STMicroelectronics IIS2ICLX Datasheet HTML 86Page - STMicroelectronics IIS2ICLX Datasheet HTML 87Page - STMicroelectronics IIS2ICLX Datasheet HTML 88Page - STMicroelectronics IIS2ICLX Datasheet HTML 89Page - STMicroelectronics IIS2ICLX Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 119 page
background image
13.45
MLC4_SRC (74h)
Machine learning core source register (R)
Table 215. MLC4_SRC register
MLC4_
SRC_7
MLC4_
SRC_6
MLC4_
SRC_5
MLC4_
SRC_4
MLC4_
SRC_3
MLC4_
SRC_2
MLC4_
SRC_1
MLC4_
SRC_0
Table 216. MLC4_SRC register description
MLC4_SRC_[7:0]
Output value of MLC4 decision tree
13.46
MLC5_SRC (75h)
Machine learning core source register (R)
Table 217. MLC5_SRC register
MLC5_
SRC_7
MLC5_
SRC_6
MLC5_
SRC_5
MLC5_
SRC_4
MLC5_
SRC_3
MLC5_
SRC_2
MLC5_
SRC_1
MLC5_
SRC_0
Table 218. MLC5_SRC register description
MLC5_SRC_[7:0]
Output value of MLC5 decision tree
13.47
MLC6_SRC (76h)
Machine learning core source register (R)
Table 219. MLC6_SRC register
MLC6_
SRC_7
MLC6_
SRC_6
MLC6_
SRC_5
MLC6_
SRC_4
MLC6_
SRC_3
MLC6_
SRC_2
MLC6_
SRC_1
MLC6_
SRC_0
Table 220. MLC6_SRC register description
MLC6_SRC_[7:0]
Output value of MLC6 decision tree
13.48
MLC7_SRC (77h)
Machine learning core source register (R)
Table 221. MLC7_SRC register
MLC7_
SRC_7
MLC7_
SRC_6
MLC7_
SRC_5
MLC7_
SRC_4
MLC7_
SRC_3
MLC7_
SRC_2
MLC7_
SRC_1
MLC7_
SRC_0
Table 222. MLC7_SRC register description
MLC7_SRC_[7:0]
Output value of MLC7 decision tree
IIS2ICLX
MLC4_SRC (74h)
DS13005 - Rev 7
page 86/119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com