Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IIS2ICLX Datasheet(PDF) 94 Page - STMicroelectronics

Part # IIS2ICLX
Description  High-accuracy, high-resolution, low-power, 2-axis digital inclinometer with embedded machine learning core
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2ICLX Datasheet(HTML) 94 Page - STMicroelectronics

Back Button IIS2ICLX Datasheet HTML 90Page - STMicroelectronics IIS2ICLX Datasheet HTML 91Page - STMicroelectronics IIS2ICLX Datasheet HTML 92Page - STMicroelectronics IIS2ICLX Datasheet HTML 93Page - STMicroelectronics IIS2ICLX Datasheet HTML 94Page - STMicroelectronics IIS2ICLX Datasheet HTML 95Page - STMicroelectronics IIS2ICLX Datasheet HTML 96Page - STMicroelectronics IIS2ICLX Datasheet HTML 97Page - STMicroelectronics IIS2ICLX Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 119 page
background image
17.10
SENSOR_HUB_10 (0Bh)
Sensor hub output register (R)
Tenth byte associated to external sensors. The content of the register is consistent with the SLVx_CONFIG
number of read operation configurations (for external sensors from x = 0 to x = 3).
Table 253. SENSOR_HUB_10 register
Sensor
Hub10_7
Sensor
Hub10_6
Sensor
Hub10_5
Sensor
Hub10_4
Sensor
Hub10_3
Sensor
Hub10_2
Sensor
Hub10_1
Sensor
Hub10_0
Table 254. SENSOR_HUB_10 register description
SensorHub10_[7:0]
Tenth byte associated to external sensors
17.11
SENSOR_HUB_11 (0Ch)
Sensor hub output register (R)
Eleventh byte associated to external sensors. The content of the register is consistent with the SLVx_CONFIG
number of read operation configurations (for external sensors from x = 0 to x = 3).
Table 255. SENSOR_HUB_11 register
Sensor
Hub11_7
Sensor
Hub11_6
Sensor
Hub11_5
Sensor
Hub11_4
Sensor
Hub11_3
Sensor
Hub11_2
Sensor
Hub11_1
Sensor
Hub11_0
Table 256. SENSOR_HUB_11 register description
SensorHub11_[7:0]
Eleventh byte associated to external sensors
17.12
SENSOR_HUB_12 (0Dh)
Sensor hub output register (R)
Twelfth byte associated to external sensors. The content of the register is consistent with the SLVx_CONFIG
number of read operation configurations (for external sensors from x = 0 to x = 3).
Table 257. SENSOR_HUB_12 register
Sensor
Hub12_7
Sensor
Hub12_6
Sensor
Hub12_5
Sensor
Hub12_4
Sensor
Hub12_3
Sensor
Hub12_2
Sensor
Hub12_1
Sensor
Hub12_0
Table 258. SENSOR_HUB_12 register description
SensorHub12_[7:0]
Twelfth byte associated to external sensors
IIS2ICLX
SENSOR_HUB_10 (0Bh)
DS13005 - Rev 7
page 94/119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com