Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IIS2ICLX Datasheet(PDF) 91 Page - STMicroelectronics

Part # IIS2ICLX
Description  High-accuracy, high-resolution, low-power, 2-axis digital inclinometer with embedded machine learning core
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2ICLX Datasheet(HTML) 91 Page - STMicroelectronics

Back Button IIS2ICLX Datasheet HTML 87Page - STMicroelectronics IIS2ICLX Datasheet HTML 88Page - STMicroelectronics IIS2ICLX Datasheet HTML 89Page - STMicroelectronics IIS2ICLX Datasheet HTML 90Page - STMicroelectronics IIS2ICLX Datasheet HTML 91Page - STMicroelectronics IIS2ICLX Datasheet HTML 92Page - STMicroelectronics IIS2ICLX Datasheet HTML 93Page - STMicroelectronics IIS2ICLX Datasheet HTML 94Page - STMicroelectronics IIS2ICLX Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 119 page
background image
17
Sensor hub register description
17.1
SENSOR_HUB_1 (02h)
Sensor hub output register (R)
First byte associated to external sensors. The content of the register is consistent with the SLVx_CONFIG number
of read operation configurations (for external sensors from x = 0 to x = 3).
Table 235. SENSOR_HUB_1 register
Sensor
Hub1_7
Sensor
Hub1_6
Sensor
Hub1_5
Sensor
Hub1_4
Sensor
Hub1_3
Sensor
Hub1_2
Sensor
Hub1_1
Sensor
Hub1_0
Table 236. SENSOR_HUB_1 register description
SensorHub1_[7:0]
First byte associated to external sensors
17.2
SENSOR_HUB_2 (03h)
Sensor hub output register (R)
Second byte associated to external sensors. The content of the register is consistent with the SLVx_CONFIG
number of read operation configurations (for external sensors from x = 0 to x = 3).
Table 237. SENSOR_HUB_2 register
Sensor
Hub2_7
Sensor
Hub2_6
Sensor
Hub2_5
Sensor
Hub2_4
Sensor
Hub2_3
Sensor
Hub2_2
Sensor
Hub2_1
Sensor
Hub2_0
Table 238. SENSOR_HUB_2 register description
SensorHub2_[7:0]
Second byte associated to external sensors
17.3
SENSOR_HUB_3 (04h)
Sensor hub output register (R)
Third byte associated to external sensors. The content of the register is consistent with the SLVx_CONFIG
number of read operation configurations (for external sensors from x = 0 to x = 3).
Table 239. SENSOR_HUB_3 register
Sensor
Hub3_7
Sensor
Hub3_6
Sensor
Hub3_5
Sensor
Hub3_4
Sensor
Hub3_3
Sensor
Hub3_2
Sensor
Hub3_1
Sensor
Hub3_0
Table 240. SENSOR_HUB_3 register description
SensorHub3_[7:0]
Third byte associated to external sensors
IIS2ICLX
Sensor hub register description
DS13005 - Rev 7
page 91/119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com