Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IIS2ICLX Datasheet(PDF) 35 Page - STMicroelectronics

Part # IIS2ICLX
Description  High-accuracy, high-resolution, low-power, 2-axis digital inclinometer with embedded machine learning core
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2ICLX Datasheet(HTML) 35 Page - STMicroelectronics

Back Button IIS2ICLX Datasheet HTML 31Page - STMicroelectronics IIS2ICLX Datasheet HTML 32Page - STMicroelectronics IIS2ICLX Datasheet HTML 33Page - STMicroelectronics IIS2ICLX Datasheet HTML 34Page - STMicroelectronics IIS2ICLX Datasheet HTML 35Page - STMicroelectronics IIS2ICLX Datasheet HTML 36Page - STMicroelectronics IIS2ICLX Datasheet HTML 37Page - STMicroelectronics IIS2ICLX Datasheet HTML 38Page - STMicroelectronics IIS2ICLX Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 119 page
background image
11.5
FIFO_CTRL3 (09h)
FIFO control register 3 (R/W)
Table 26. FIFO_CTRL3 register
0(1)
0(1)
0(1)
0(1)
BDR_XL_3
BDR_XL_2
BDR_XL_1
BDR_XL_0
1. This bit must be set to 0 for the correct operation of the device.
Table 27. FIFO_CTRL3 register description
BDR_XL_[3:0]
Selects batch data rate (write frequency in FIFO) for accelerometer data.
(0000: accelerometer not batched in FIFO (default);
0001: 12.5 Hz;
0010: 26 Hz;
0011: 52 Hz;
0100: 104 Hz;
0101: 208 Hz;
0110: 417 Hz;
0111: 833 Hz;
1000: not allowed;
1001: not allowed;
1010: not allowed;
1011: 1.6 Hz;
1100-1111: not allowed)
IIS2ICLX
FIFO_CTRL3 (09h)
DS13005 - Rev 7
page 35/119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com