Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA9066 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # DA9066
Description  System PMIC for Dual/Quad-Core Processors
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9066 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button DA9066 Datasheet HTML 53Page - Renesas Technology Corp DA9066 Datasheet HTML 54Page - Renesas Technology Corp DA9066 Datasheet HTML 55Page - Renesas Technology Corp DA9066 Datasheet HTML 56Page - Renesas Technology Corp DA9066 Datasheet HTML 57Page - Renesas Technology Corp DA9066 Datasheet HTML 58Page - Renesas Technology Corp DA9066 Datasheet HTML 59Page - Renesas Technology Corp DA9066 Datasheet HTML 60Page - Renesas Technology Corp DA9066 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 257 page
background image
DA9066
System PMIC for Dual/Quad-Core Processors
Datasheet
Revision 2.1
21-Feb-2022
CFR0011-120-00
57 of 256
© 2022 Renesas Electronics
5.2
Linear Regulators
Seven types (ILOAD = 150 mA, 150 mA [Low Noise], 150 mA [Low Voltage], 200 mA, 200 mA [Low
Voltage], 300 mA, and 400 mA) of low dropout regulators are integrated in DA9066, each optimized
for performance depending on the most critical parameter of the circuitry supplied. For high
performance analog supplies (such as in audio applications) the regulators have been designed to
offer high PSRR and low noise. For the digital supplies, PSRR is relaxed saving quiescent current
and for the PMIC core/RTC supplies, quiescent current has been optimized as the most important
performance parameter.
Table 29: Linear Regulators
Block
VOUT (V)
IOUT (mA)
Comment
Control
(Note 1)
LDO1
1.0 to 3.1
150
COUT = 1.0 µF, Step size 50 mV;
Low voltage
SC/I2C
LDO2
1.0 to 3.1
200
COUT = 1.0 µF, Step size 50 mV;
Low voltage
SC/I2C
LDO3
1.2 to 3.3
400
COUT = 2.2 µF, Step size 50 mV
SC/I2C
LDO4
1.2 to 3.3
150
COUT = 2.2 µF, Step size 50 mV;
Low noise
SC/I2C
LDO5
1.2 to 3.3
200
COUT = 1.0 µF, Step size 50 mV
SC/I2C
LDO6
1.2 to 3.3
200
COUT = 1.0 µF, Step size 50 mV
SC/I2C
LDO7
1.2 to 3.3
200
COUT = 1.0 µF, Step size 50 mV
SC/I2C
LDO8
1.2 to 3.3
200
COUT = 1.0 µF, Step size 50 mV
SC/I2C
LDO9
1.2 to 3.3
200
COUT = 1.0 µF, Step size 50 mV
SC/I2C
LDO10
1.2 to 3.3
150
COUT = 1.0 µF, Step size 50 mV
SC/I2C
LDO11
1.2 to 3.3
150
COUT = 1.0 µF, Step size 50 mV
SC/I2C
LDO12
1.2 to 3.3
300
COUT = 2.2 µF, Step size 50 mV
SC/I2C
LDO13
1.2 to 3.3
300
COUT = 2.2 µF, Step size 50 mV
I2C
LDO14
1.2 to 3.3
300
COUT = 2.2 µF, Step size 50 mV
I2C
LDO15
1.2 to 3.3
400
COUT = 2.2 µF, Step size 50 mV
I2C
LDO16
1.2 to 3.3
150
COUT = 1.0 µF, Step size 50 mV
I2C
LDO17
1.2 to 3.3
150
COUT = 1.0 µF, Step size 50 mV
I2C
LDO18
1.2 to 3.3
150
COUT = 1.0 µF, Step size 50 mV
I2C /
VRFANA_EN
LDO19
1.2 to 3.3
150
COUT = 1.0 µF, Step size 50 mV
I2C
LDO20
1.2 to 3.3
150
COUT = 1.0 µF, Step size 50 mV
I2C
BBAT_CHG
1.8 to 3.3
0.1 to 6
programmable
Programmable output voltage
CC/CV regulation loop
I2C
Note 1
SC is PMIC sequence control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com