Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA9066 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # DA9066
Description  System PMIC for Dual/Quad-Core Processors
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9066 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button DA9066 Datasheet HTML 4Page - Renesas Technology Corp DA9066 Datasheet HTML 5Page - Renesas Technology Corp DA9066 Datasheet HTML 6Page - Renesas Technology Corp DA9066 Datasheet HTML 7Page - Renesas Technology Corp DA9066 Datasheet HTML 8Page - Renesas Technology Corp DA9066 Datasheet HTML 9Page - Renesas Technology Corp DA9066 Datasheet HTML 10Page - Renesas Technology Corp DA9066 Datasheet HTML 11Page - Renesas Technology Corp DA9066 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 257 page
background image
DA9066
System PMIC for Dual/Quad-Core Processors
Datasheet
Revision 2.1
21-Feb-2022
CFR0011-120-00
8 of 256
© 2022 Renesas Electronics
Figures
Figure 1: Block Diagram ........................................................................................................................ 2
Figure 2: Connection Diagram ............................................................................................................ 14
Figure 3: Single-Phase Buck Block Diagram ...................................................................................... 55
Figure 4: Dual-Phase Buck Block Diagram ......................................................................................... 55
Figure 5: RF Buck Block Diagram ....................................................................................................... 56
Figure 6: SmartMirror LDO .................................................................................................................. 58
Figure 7: GPADC Block Diagram ........................................................................................................ 59
Figure 8: Track and Hold Sequence Timing Diagram ......................................................................... 60
Figure 9: Sequence of Automatic ADC Measurements ...................................................................... 60
Figure 10: System Voltage Monitoring ................................................................................................ 62
Figure 11: 32 kHz Crystal Oscillator.................................................................................................... 64
Figure 12: Operating Modes................................................................................................................ 67
Figure 13: nONKEY ON ...................................................................................................................... 71
Figure 14: nJIG_ON ON ...................................................................................................................... 71
Figure 15: TA ON ................................................................................................................................ 72
Figure 16: Wakeup from SLEEP ......................................................................................................... 72
Figure 17: Wakeup from RTC.............................................................................................................. 73
Figure 18: Control from MCTL pins ..................................................................................................... 74
Figure 19: GPIO Block Diagram .......................................................................................................... 77
Figure 20: Typical Startup Diagram..................................................................................................... 78
Figure 21: Example Startup of DA9066 Powering Up System Supplies ............................................. 80
Figure 22: I2C Interface ....................................................................................................................... 81
Figure 24: DA9066 Audio with Shared PMIC Connections................................................................. 87
Figure 25: I2C Control Bus Timing Diagram ........................................................................................ 98
Figure 26: Digital Audio Interface Timing Diagram ........................................................................... 100
Figure 27: Audio Input Routing Signal Paths and Gain Ranges ....................................................... 101
Figure 28: Analog Microphone Configurations .................................................................................. 102
Figure 29: Digital Microphone Timing................................................................................................ 103
Figure 30: AAD Application Diagram................................................................................................. 105
Figure 31: Analog Output Routing Signal Paths ............................................................................... 106
Figure 32: Input (clk) and Output Clocks (cp_clk and cp_clk2) at CP_FCONTROL = 010............... 111
Figure 33: ADC and DAC DC Blocking (Cut-
Off Frequency Setting ‘00’ to ‘11’, 16 kHz) ................. 114
Figure 34: ADC Equalizer Filter Band 1 Frequency Response at FS = 48 kHz................................ 116
Figure 35: ADC Equalizer Filter Band 2 Frequency Response at FS = 48 kHz................................ 117
Figure 36: ADC Equalizer Filter Band 3 Frequency Response at FS = 48 kHz................................ 117
Figure 37: ADC Equalizer Filter Band 4 Frequency Response at FS = 48 kHz................................ 118
Figure 38: ADC Equalizer Filter Band 5 Frequency Response at FS = 48 kHz................................ 118
Figure 39: DAC Equalizer Filter Band 1 Frequency Response at FS = 48 kHz................................ 119
Figure 40: DAC Equalizer Filter Band 2 Frequency Reponse at FS = 48 kHz ................................. 119
Figure 41: DAC Equalizer Filter Band 3 Frequency Response at FS = 48 kHz................................ 120
Figure 42: DAC Equalizer Filter Band 4 Frequency Response at FS = 48 kHz................................ 120
Figure 43: DAC Equalizer Filter Band 5 Frequency Response at FS = 48 kHz................................ 121
Figure 44: Operation of ALC.............................................................................................................. 122
Figure 45: Attack, Delay and Hold Parameters ................................................................................. 123
Figure 46: Wind Noise High-Pass Filter (Cut-
Off Frequency Setting ‘000’ to ‘111’, 16 kHz) ............ 129
Figure 47: Schematic of I2C Control Interface Bus............................................................................ 130
Figure 48: Timing of I2C START and STOP conditions..................................................................... 131
Figure 49: I2C Byte Write (DATA signal) ........................................................................................... 131
Figure 50: Examples of I2C Byte Read (DATA signal) ...................................................................... 132
Figure 51: Examples of I2C Page Read (DATA signal) ..................................................................... 132
Figure 52: I2C Repeated Write (DATA signal)................................................................................... 132
Figure 53: I2C Repeated Write (DATA signal)................................................................................... 133
Figure 54: I2S Format AIF Data ......................................................................................................... 133
Figure 55: Left Justified Format AIF Data ......................................................................................... 134
Figure 56: Right Justified Format AIF Data ....................................................................................... 134
Figure 57: DSP Format AIF Data ...................................................................................................... 134
Figure 58: TDM DSP Format............................................................................................................. 135
Figure 59: TDM Left Justified Format................................................................................................ 135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com