Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA9066 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # DA9066
Description  System PMIC for Dual/Quad-Core Processors
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9066 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button DA9066 Datasheet HTML 6Page - Renesas Technology Corp DA9066 Datasheet HTML 7Page - Renesas Technology Corp DA9066 Datasheet HTML 8Page - Renesas Technology Corp DA9066 Datasheet HTML 9Page - Renesas Technology Corp DA9066 Datasheet HTML 10Page - Renesas Technology Corp DA9066 Datasheet HTML 11Page - Renesas Technology Corp DA9066 Datasheet HTML 12Page - Renesas Technology Corp DA9066 Datasheet HTML 13Page - Renesas Technology Corp DA9066 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 257 page
background image
DA9066
System PMIC for Dual/Quad-Core Processors
Datasheet
Revision 2.1
21-Feb-2022
CFR0011-120-00
10 of 256
© 2022 Renesas Electronics
Table 55: Charge Pump Output Demand Tracking ........................................................................... 111
Table 56: Charge Pump Current Load Control.................................................................................. 112
Table 57: ADC/DAC Digital High-Pass Filter Specifications in Audio Mode ..................................... 114
Table 58: Center Frequency of ADC 5-Band Equalizer at 48 kHz .................................................... 115
Table 59: Center Frequency of DAC 5-Band Equalizer at 48 kHz .................................................... 115
Table 60: Center Frequency of ADC 5-Band Equalizer at Alternative Sample Rates ...................... 115
Table 61: Center Frequency of DAC 5-Band Equalizer at Alternative Sample Rates ...................... 116
Table 62: PLL Clock Modes .............................................................................................................. 124
Table 63: Sample Rate Control and Corresponding System Clock Frequency ................................ 125
Table 64: PLL Input Divider ............................................................................................................... 126
Table 65: Example PLL Configurations............................................................................................. 127
Table 66: Wind Noise High-Pass Filter Specifications ...................................................................... 128
Table 67: Audio Register Summary .................................................................................................. 137
Table 68: Ordering information.......................................................................................................... 144
Table 69: Register Status_A.............................................................................................................. 145
Table 70: Register STATUS_B ......................................................................................................... 145
Table 71: Register STATUS_C ......................................................................................................... 145
Table 72: Register EVENT_A............................................................................................................ 146
Table 73: Register EVENT_B............................................................................................................ 146
Table 74: Register EVENT_C............................................................................................................ 147
Table 75: Register FAULT_LOG ....................................................................................................... 147
Table 76: Register IRQ_MASK_A ..................................................................................................... 148
Table 77: Register IRQ_MASK_B ..................................................................................................... 148
Table 78: Register IRQ_MASK_C ..................................................................................................... 149
Table 79: Register CONTROL_A ...................................................................................................... 149
Table 80: Register CONTROL_B ...................................................................................................... 150
Table 81: Register CONTROL_C ...................................................................................................... 151
Table 82: Register CONTROL_D ...................................................................................................... 151
Table 83: Register PD_DIS ............................................................................................................... 152
Table 84: Register INTERFACE........................................................................................................ 153
Table 85: Register RESET ................................................................................................................ 153
Table 86: Register Reserved............................................................................................................. 155
Table 87: Register GPIO_TA............................................................................................................. 155
Table 88: Register GPIO_nJIG_ON .................................................................................................. 156
Table 89: Register ID_0_1................................................................................................................. 157
Table 90: Register ID_2_3................................................................................................................. 158
Table 91: Register ID_4_5................................................................................................................. 158
Table 92: Register ID_6_7................................................................................................................. 158
Table 93: Register ID_8_9................................................................................................................. 159
Table 94: Register ID_10_11............................................................................................................. 159
Table 95: Register ID_12_13............................................................................................................. 159
Table 96: Register ID_14_15............................................................................................................. 160
Table 97: Register ID_16_17............................................................................................................. 160
Table 98: Register ID_18_19............................................................................................................. 160
Table 99: Register Reserved............................................................................................................. 161
Table 100: Register SEQ_STATUS .................................................................................................. 161
Table 101: Register SEQ_A .............................................................................................................. 161
Table 102: Register SEQ_B .............................................................................................................. 161
Table 103: Register SEQ_TIMER ..................................................................................................... 162
Table 104: Register BUCK_A............................................................................................................ 164
Table 105: Register BUCK_B............................................................................................................ 165
Table 106: Register BUCK_C ........................................................................................................... 166
Table 107: Register BUCK_D ........................................................................................................... 166
Table 108: Register BUCK1 .............................................................................................................. 167
Table 109: Register BUCK2 .............................................................................................................. 168
Table 110: Register BUCK3 .............................................................................................................. 169
Table 111: Register BUCK4 .............................................................................................................. 169
Table 112: Register BUCK5 .............................................................................................................. 170
Table 113: Register BUCKRF_THR.................................................................................................. 171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com