Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA9066 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # DA9066
Description  System PMIC for Dual/Quad-Core Processors
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9066 Datasheet(HTML) 2 Page - Renesas Technology Corp

  DA9066 Datasheet HTML 1Page - Renesas Technology Corp DA9066 Datasheet HTML 2Page - Renesas Technology Corp DA9066 Datasheet HTML 3Page - Renesas Technology Corp DA9066 Datasheet HTML 4Page - Renesas Technology Corp DA9066 Datasheet HTML 5Page - Renesas Technology Corp DA9066 Datasheet HTML 6Page - Renesas Technology Corp DA9066 Datasheet HTML 7Page - Renesas Technology Corp DA9066 Datasheet HTML 8Page - Renesas Technology Corp DA9066 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 257 page
background image
DA9066
System PMIC for Dual/Quad-Core Processors
Datasheet
Revision 2.1
21-Feb-2022
CFR0011-120-00
2 of 256
© 2022 Renesas Electronics
Block Diagram
POWER MANAGER
ON / OFF CONTROL
RESET GENERATION
OTP - PROGRAMMABLE
WAKE - UP AND SHUTDOWN
SEQUENCING CONTROL
SYSTEM MONITOR
INTERRUPT HANDLER
BACKUP
CHARGER
TEMP
SENSOR
VOLTAGE
SUPER -
VISION
RTC
32kHz OSC
RTC
DIGITAL
REF
VOLTAGE
BIASING
CIRCUIT
INTERNAL
OSC
DIG CTRL
VBUS
DIG CTRL
DIG CTRL
VLDO7
VLDO 8
DIG CTRL
DIG CTRL
VLDO5
VLDO6
DIG CTRL
DIG CTRL
DIG CTRL
DIG CTRL
DIG CTRL
Linear
CHARGER
MUIC
VDDCORE
2.2uF
DIG CTRL
32kHz
Crystal
VBBAT ( 2 – 3.3V)
OUT2_32K
TA
nRESET
nIRQ
nONKEY
nVDD_ FAULT
220k
VREF
IREF
VBAT
VDDCORE
OTP
MEMORY
WATCH
DOG
TIMER
470nF
VREF_LN
BUCK5
10uF
10uF
DIG CTRL
VDDCORE
2.2uF
DIG CTRL
LDOCORE
2.5V
M_ CTL2
10uF
BUCK
PERI(1)
10uF
Power
Management
RTC REG
VDDRTC
1uF
1uF
1uF
1uF
1uF
1uF
VDD_ LDO_ J
VDD_ LDO_B
VDD_ LDO_D
1uF
2.2uF
2.2uF
DIG CTRL
nJIG_ON
VDDIO
TP
VPP
2.2uF
1uF
VLDO_ AUD1
1uF
LDO_ AUDIO1
2.5V
VDD_LDO_AUD1
I2C
INTERFACE
SCL
SDA
M_ CTL1
Audio
D9066
LDO5
1. 2
– 3.3V
LDO6
1. 2
– 3.3V
LDO9
1. 2
– 3.3V
LDO8
1. 2
– 3.3V
LDO7
1. 2
– 3.3V
VLDO 9
1uF
VLDO10
LDO10
1. 2
– 3.3V
LDO11
1. 2
– 3.3V
LDO12
1. 2
– 3.3V
LDO13
1. 2
– 3.3V
VLDO11
VLDO12
2.2uF
VLDO13
2.2uF
LDO14
1. 2
– 3.3V
VLDO14
VLDO15
VLDO16
LDO15
1. 2
– 3.3V
LDO16
1. 2
– 3.3V
DIG CTRL
1uF
DIG CTRL
1uF
VLDO17
VLDO 18
LDO17
1. 2
– 3.3V
LDO18
1. 2
– 3.3V
VDD_ LDO_G
2.2uF
GENERAL PURPOSE
12 BIT ADC
VDDCORE
DIG CTRL
VBAT_S
VF
TEMP1
1uF
TEMP2
BUCK2
BUCK3
BUCK4
4.7uF
BUCK6
22uF
1uH
VBAT
VBUCK1
BUCK1
DVS
DAC
VBAT
1uH
22uF
AUD2
1uF
LDO_ AUDIO2
3.3V
VLDO_
VDD_LDO_AUD2
DIG CTRL
1uF
1uF
VDD_ LDO_A
VDD_ LDO_F
DIG CTRL
1uF
DIG CTRL
1uF
VLDO19
VLDO 20
LDO19
1. 2
– 3.3V
LDO20
1. 2
– 3.3V
VDD_ LDO_C
OUT1_32K
VREF_1V0
2.2uF
AUX_L
MICBIAS2
MIC2_P
HP_R
SPKR_P
SPKR_N
CHGPUMP
DAC
PLL
&
SRM
ADC
ADC
DAC
REFS
&
BIAS
AIF
MIC3_N
DMICIN
MIC3_P
DMICCLK
DIGITAL
LDO
HP_L
MICBIAS1
RCVR_P
RCVR_N
VDD_SPKR
SPKR_GND
AUX_R
GND_A
MIC1_P
MIC1_N
ACC
DET
HP_ SENSE
MICDET
MICBIAS3
MIC2_N
AVBAT
THD
PWR
LIMIT
CIF
ADCIN
JACKDET
200mA
200mA
200mA
200mA
200mA
150mA
150mA
300mA
300mA
300mA
400mA
150mA
150mA
150mA
150mA
150mA
0.8A
0.6A
0.6A
1.0A
1.2A
3.0A
VDD_CP
GND_SPKR
Figure 1: Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com