Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA9066 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # DA9066
Description  System PMIC for Dual/Quad-Core Processors
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9066 Datasheet(HTML) 1 Page - Renesas Technology Corp

  DA9066 Datasheet HTML 1Page - Renesas Technology Corp DA9066 Datasheet HTML 2Page - Renesas Technology Corp DA9066 Datasheet HTML 3Page - Renesas Technology Corp DA9066 Datasheet HTML 4Page - Renesas Technology Corp DA9066 Datasheet HTML 5Page - Renesas Technology Corp DA9066 Datasheet HTML 6Page - Renesas Technology Corp DA9066 Datasheet HTML 7Page - Renesas Technology Corp DA9066 Datasheet HTML 8Page - Renesas Technology Corp DA9066 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 257 page
background image
DA9066
System PMIC for Dual/Quad-Core Processors
Datasheet
Revision 2.1
21-Feb-2022
CFR0011-120-00
1 of 256
© 2022 Renesas Electronics
General Description
DA9066 combines an ultra-low-power audio codec with core power management functions targeting
standalone application processors and mobile phones. All linear regulators use Dialog’s
SmartMirror
™ dynamic biasing technique, which maintains high performance over a wide range of
operating conditions and a power saving mode (Sleep mode) to minimize the quiescent current. The
regulators have output voltages independently programmable via the device control interface.
The buck converters do not require external Schottky diodes and offer a Sleep mode (PFM mode) for
optimal efficiency at low-load currents. All DC-DC converters use a 2 MHz or 3 MHz switching
frequency giving high efficiency and allowing the use of small external inductors (down to 1 µH).
Beside the power modules there are different core modules like real time clock (RTC), general
purpose 12-bit ADC (GPADC) and general purpose IO pins (GPIO) implemented on the IC. These
support different functions such as battery voltage supervision and device over-temperature
protection. DA9066 can be completely controlled from the host software writes to registers, which
brings high flexibility to the design of applications.
DA9066 contains an audio codec, which supports simultaneously stereo line input with up to three
microphones with dual switchable bias. Comprehensive analog mixing and bypass paths to the
output drivers are available. By optimizing both the power and signal chain paths for performance
and efficiency it can provide 98 dB SNR at the headphone while consuming less than 5 mW from the
battery. The headphone output is true-ground with integrated charge pump. A dedicated mono line
out channel is provided for speaker or beep functionality.
Digital audio transfer to and from the external processor is via bidirectional I2S interface which
supports all common sample rates. The device may be operated in slave or master modes using the
internal phase-locked loop (PLL), which may be powered down. To fully optimize each customer
application, a range of built-in filtering, equalization, or audio DSP enhancements are available.
These are accessible by the processor over the 2-wire serial interface and can be used to minimize
latency and power consumption.
Key Features
■ Operating range 2.5 V to 5.0 V
■ Twenty programmable LDO regulators
■ One dual-phase 3 A buck converter
■ Four single-phase buck converters
■ One high-efficiency RF buck converter
■ Low-power backup battery charger
■ 32 kHz real-time clock (RTC) with alarm
capability
■ 12-bit general purpose ADC with auto-mode
controller
■ Accurate bandgap reference
■ Temperature/voltage supervision
■ High-speed I2C interface
■ OTP memory
■ Full low-power audio codec
■ 98 dB stereo output into 16 Ω to 32 Ω
headphones
■ Minimum external components; capless, true-
ground driver eliminates bulky headphone
coupling capacitors
■ Supports three microphones with separate
low-noise microphone bias outputs
■ Low-power PLL provides system clocking and
audio sample rate flexibility
■ Built-in 5-band EQ, ALC, and noise gate DSP
functions
■ WLCSP, 5.8 mm x 4.8 mm, 0.4 mm pitch
Applications
■ Smartphones and mobile phones
■ Ultrabooks, tablet PCs, and eBook readers
■ Portable navigation devices,
■ TV and media players


Similar Part No. - DA9066

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9066 DIALOG-DA9066 Datasheet
3Mb / 255P
System PMIC for Dual/Quad-Core Processors
DA9066-XXUL2 DIALOG-DA9066-XXUL2 Datasheet
3Mb / 255P
System PMIC for Dual/Quad-Core Processors
More results

Similar Description - DA9066

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
P1011 FREESCALE-P1011 Datasheet
227Kb / 2P
single- and dual-core communications processors
P1012 FREESCALE-P1012 Datasheet
291Kb / 2P
single- and dual-core communications processors
logo
List of Unclassifed Man...
AXP221 ETC2-AXP221 Datasheet
2Mb / 52P
PMIC Optimized For Multi-Core High-Performance System
AXP223 ETC2-AXP223 Datasheet
2Mb / 56P
PMIC Optimized For Multi-Core High-Performance System
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
System PMIC for Battery Powered Systems
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063_17 Datasheet
2Mb / 219P
System PMIC for Mobile Application Processors
DA9068 DIALOG-DA9068 Datasheet
2Mb / 179P
System PMIC for Multi-Core Application Processors
logo
Shenzhen X-Powers Techn...
AXP288 XPOWER-AXP288_14 Datasheet
4Mb / 110P
PMIC Optimized For Multi-Core High-Performance System
logo
Dialog Semiconductor
DA9066 DIALOG-DA9066 Datasheet
3Mb / 255P
System PMIC for Dual/Quad-Core Processors
logo
Renesas Technology Corp
DA9068 RENESAS-DA9068 Datasheet
2Mb / 185P
System PMIC for Multi-Core Application Processors
21-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com