Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP2211EVAL2Z Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HIP2211EVAL2Z
Description  100V, 3A Source, 4A Sink, High Frequency Half-Bridge Drivers with HI/LI or Tri-Level PWM Input and Adjustable Dead Time
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2211EVAL2Z Datasheet(HTML) 5 Page - Renesas Technology Corp

  HIP2211EVAL2Z Datasheet HTML 1Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 2Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 3Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 4Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 5Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 6Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 7Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 8Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
HIP2210, HIP2211
1. Overview
FN9347 Rev.1.01
Page 5 of 27
Jun.23.20
1.4
Pin Descriptions
HIP2211FR8Z
(8 Ld 4x4 DFN)
Top View
HIP2210FRTZ
(10 Ld 4x4 TDFN)
Top View
Pin
Name
Pin Number
Description
HIP2210
HIP2211
10 Ld DFN 10 Ld DFN 8 Ld SOIC 8 Ld DFN
VDD
1
1
1
1
Analog input supply voltage and positive supply for the lower gate driver.
Decouple this pin to ground with a 4.7µF or larger high-frequency ceramic
capacitor to VSS. An additional 0.1µF ceramic decoupling capacitor placed close
to VDD and VSS pin is recommended.
HB
2
2
2
2
High-side bootstrap supply voltage for the upper gate driver referenced to HS.
Connect the bootstrap capacitor to this pin and HS.
HO
3
3
3
3
High-side output driver. Connect to the gate of the high-side NMOS FET.
HS
4
4
4
4
High-side gate driver reference node. Connect to the source of the high-side
NMOS FET. Connect the bootstrap capacitor to this pin and HB.
HI
-
7
5
5
High-side driver logic input. 3.3V logic compatible and VDD tolerant.
LI
-
8
6
6
Low-side driver logic input. 3.3V logic compatible and VDD tolerant.
VREF
5
-
-
-
Reference voltage that sets the PWM logic level thresholds. Analog supply range
of 2.7V to 5.5V. Decouple VREF to VSS with a 0.1µF ceramic capacitor. If VREF
is below 2.7V, the PWM inputs are ignored and HO = LO = 0. An internal 100kΩ
pull-down resistor places VREF in the low state when the pin is left floating.
RDT
6
-
-
-
Programmable dead time control pin. Place a resistor from the RDT pin to VSS to
set the dead time from 35ns to 350ns. The resistor range is 10kΩ to 100kΩ.
Short the RDT pin to VSS to set the dead time to 15ns. See “PCB Layout
Guidelines” on page 22 and “RDT and Dead Time Delay (HIP2210 Only)” on
page 20 for more information.
EN
7
-
-
-
Output enable pin. When EN is low, HO = LO = 0. An internal 100kΩ pull-down
resistor places EN in the low state when the pin is left floating. Output is enabled
when EN is high (VDD tolerant).
PWM
8
-
-
-
Tri-level PWM input. Logic high drives HO high and LO low. Logic low drives HO
low and LO high. In the mid-level state, both outputs are driven low. An internal
resistor network biases the PWM pin to 50% of VREF when the pin is left floating
to set the mid-level state.
VSS
9
9
7
7
Ground reference for the VDD supply. When EPAD is available, connect VSS to
EPAD.
LO
10
10
8
8
Low-side output driver. Connect to the gate of the low-side NMOS FET.
NC
-
5, 6
-
-
No Connect. No electrical connection from this pin to the IC.
-
EPAD
EPAD
-
EPAD
The EPAD is electrically isolated. Connect the EPAD to the PCB ground plane
with thermal vias for heat removal. See “PCB Layout Guidelines” on page 22 for
more information.
VDD
HB
HI
HS
LO
VSS
HO
LI
EPAD
1
2
3
4
8
7
6
5
1
2
3
4
5
10
9
8
7
6
VDD
HB
HO
HS
VREF
LO
VSS
PWM
EN
RDT
EPAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com