Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP2211EVAL2Z Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HIP2211EVAL2Z
Description  100V, 3A Source, 4A Sink, High Frequency Half-Bridge Drivers with HI/LI or Tri-Level PWM Input and Adjustable Dead Time
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2211EVAL2Z Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HIP2211EVAL2Z Datasheet HTML 3Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 4Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 5Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 6Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 7Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 8Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 9Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 10Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
HIP2210, HIP2211
2. Specifications
FN9347 Rev.1.01
Page 7 of 27
Jun.23.20
2.3
Recommended Operating Conditions
2.4
Electrical Specifications
Parameter (Note 5)
Minimum
Maximum
Units
Supply Voltage, VDD
+6
+18
V
HI, LI, EN Inputs
0
VDD
V
PWM, VREF Inputs
0
+5.5
V
Resistor on RDT pin to VSS for Programmable Dead Time
+10
+100
kΩ
Boot Voltage, HB Referenced to HS
VDD - 1
+18
V
Bootstrap Voltage, HB
-
+115
V
Continuous Voltage on HS
The greater of
[-10 or -(20 - VDD)]
+100
V
HS Slew Rate
<50
V/ns
Temperature
-40°C
+125
°C
VDD = HB = EN = 12V; VSS = HS = 0V; HI = LI = 0; VREF = 5V; PWM = 2.5V. No load on LO or HO, unless otherwise specified. Boldface
limits apply across the operating temperature range, -40°C to +125°C.
Parameters
Symbol
Test Conditions
Min
(Note 11)Typ
Max
(Note 11)Units
Supply Currents (HIP2211)
VDD Quiescent Current
IDDQ
HI = LI = 0
-
390
628
µA
VDD Operating Current
IDDO
fSW = 500kHz; HI = LI = 50% square
wave to VDD
-1.5
1.69
mA
HB to HS Quiescent Current
IHBQ
HI = 1; LI = 0
-
370
475
µA
HB to HS Operating Current
IHBO
fSW = 500kHz; HI = LI = 50% square
wave to VDD
-1.4
1.6
mA
HB to VSS Current, Operating
IHBSO
fSW = 500kHz; HI = LI =50% square
wave to VDD; VHB = 115V;
VHS =100V
-88
110
µA
HB to VSS Leakage Current
IHBS
HI = LI = 0; VHB = VHS = 100V
-
29
47
µA
Supply Currents (HIP2210)
VDD Quiescent Current
IDDQ
PWM = 0.5 x VREF; EN = 1;
RDT = 1kΩ; 100kΩ
-
455
700
µA
VDD Quiescent Current
IDDQ
PWM = 0.5 x VREF; EN = 1;
RDT = 10kΩ
-800
1000
µA
VDD Operating Current
IDDO
fSW = 500kHz; PWM = 50% square
wave to VREF; RDT = 10kΩ
-2
2.32
mA
VDD Disabled Current
IDDSD
EN = 0; RDT = 1kΩ; 100kΩ
-
440
580
µA
VDD Disabled Current
IDDSD
EN = 0; RDT = 10kΩ
-
780
900
µA
HB to HS Quiescent Current
IHBQ
PWM = VREF; EN = 1
-
370
475
µA
HB to HS Operating Current
IHBO
fSW = 500kHz; PWM = 50% square
wave to VREF; RDT = 100kΩ
-1.7
2
mA
HB to VSS Current, Operating
IHBSO
fSW = 500kHz; PWM = 50% square
wave to VREF; VHB = 115V;
VHS = 100V; RDT = 100kΩ
-95
126
µA
HB to VSS Leakage Current
IHBS
PWM = 0.5 x VREF;
VHB =VHS = 100V
-28
52
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com