Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP2211EVAL2Z Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HIP2211EVAL2Z
Description  100V, 3A Source, 4A Sink, High Frequency Half-Bridge Drivers with HI/LI or Tri-Level PWM Input and Adjustable Dead Time
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2211EVAL2Z Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HIP2211EVAL2Z Datasheet HTML 8Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 9Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 10Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 11Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 12Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 13Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 14Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 15Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
HIP2210, HIP2211
2. Specifications
FN9347 Rev.1.01
Page 12 of 27
Jun.23.20
2.6
Timing Diagrams
Figure 5. HIP2211 Propagation Delay Timing Diagram
Figure 6. HIP2210 Propagation Delay Timing Diagram
Figure 7. HIP2210 Programmable Dead Time Delay Timing Diagram
LO
VHI_IL
VHI_IH
50%
tPDLI_R
HO
50%
LI/HI
VLI_IL
VLI_IH
tPDHI_R
tPDHI_F
50%
tPDLI_F
50%
HI
LO
tMATCH_LH
50%
50%
HO
50%
50%
LI
tMATCH_HL
tPDLI_F: Propagation Delay from LI falling to LO falling to 50% of VDD.
tPDHI_F: Propagation Delay from HI falling to HO falling to 50% of HB.
tPDLI_R: Propagation Delay from LI rising to LO rising to 50% of VDD.
tPDHI_R: Propagation Delay from HI rising to HO rising to 50% of HB.
Delay matching: tMATCH_LH - tMATCH_HL
PWM
LO
HO
VPWMH
VPWML
tPDLO
50%
50%
tPDHO
PWM
LO
HO
tPDHO1
VMIDL
VPWMH
tPDLO1
50%
50%
tPDHO2
tPDLO2
50%
50%
VMIDH
VPWML
Delay matching: tPDLO - tPDHO
tPDLO: Propagation Delay from PWM rising to LO falling to 50% of LO.
tPDHO: Propagation Delay from PWM falling to HO falling to 50% of HO.
tPDLO1: Propagation Delay from PWM entering mid state to LO falling.
tPDHO1: Propagation Delay from PWM entering mid state to HO falling.
tPDLO2: Propagation Delay from PWM exiting mid state to LO rising.
tPDHO2: Propagation Delay from PWM exiting mid state to HO rising.
LO
HO
tDT_LH
50%
50%
50%
50%
tDT_HL
Programmable Dead Time Delay Matching: tDTLH - tDTHL
tDTLH: Dead time from LO falling to 50% to HO rising to 50%.
tDTHL: Dead time from HO falling to 50% to LO rising to 50%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com