Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP2211EVAL2Z Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # HIP2211EVAL2Z
Description  100V, 3A Source, 4A Sink, High Frequency Half-Bridge Drivers with HI/LI or Tri-Level PWM Input and Adjustable Dead Time
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2211EVAL2Z Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button HIP2211EVAL2Z Datasheet HTML 12Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 13Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 14Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 15Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 16Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 17Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 18Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 19Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
HIP2210, HIP2211
3. Typical Performance Curves
FN9347 Rev.1.01
Page 16 of 27
Jun.23.20
Figure 26. HI/LI Propagation Delay vs Temperature
vs VDD
Figure 27. HI/LI Propagation Delay Matching vs
Temperature vs VDD
Figure 28. PWM Propagation Delay vs Temperature
vs VDD
Figure 29. PWM Propagation Delay Matching vs
Temperature vs VDD
Figure 30. Dead Time Delay (25°C) vs RDT Resistor vs
VDD
Figure 31. Dead Time Delay (VDD = 12V) vs RDT Resistor
vs Temperature
Unless otherwise specified, operating conditions at: T = +25°C; VDD = EN = 12V; VSS = HS = 0V; Capacitor from HB to HS pin
CBOOT = 0.22µF; 100kΩ load on LO to VSS and HO to HS. (Continued)
0
5
10
15
20
25
612
18
VDD (V)
Tpdli_f 125°C
Tpdli_f 25°C
Tpdli_r 125°C
Tpdli_r 25°C
Tpdhi_f 125°C
Tpdhi_f 25°C
Tpdhi_r 125°C
Tpdhi_r 25°C
-3
-2
-1
0
1
2
612
18
VDD (V)
Tpd_match_lh 125°C
Tpd_match_hl 125°C
Tpd_match_lh 25°C
Tpd_match_hl 25°C
Tpd_match_lh -40°C
Tpd_match_hl -40°C
0
10
20
30
40
50
60
70
80
612
18
VDD (V)
Tpd_pwm_hm 125°C
Tpd_pwm_hm 25°C
Tpd_pwm_mh 125°C
Tpd_pwm_mh 25°C
Tpd_pwm_lm 125°C
Tpd_pwm_lm 25°C
Tpd_pwm_ml 125°C
Tpd_pwm_ml 25°C
0
1
2
3
612
18
VDD (V)
Tpdmatch 125C
Tpdmatch 25C
Tpdmatch -40C
0
200
400
600
800
1000
1200
1400
0
30
60
90
120
150
180
210
240
270
300
330
RDT (kΩ)
tDT_LH VDD = 6V
tDT_HL VDD = 6V
tDT_LH VDD = 12V
tDT_HL VDD = 12V
tDT_LH VDD = 18V
tDT_HL VDD = 18V
0
200
400
600
800
1000
1200
1400
0
30
60
90
120
150
180
210
240
270
300
330
RDT (kΩ)
tDT_LH 140°C
tDT_HL 140°C
tDT_LH 25°C
tDT_HL 25°C
tDT_LH -40°C
tDT_HL -40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com