Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP2211EVAL2Z Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HIP2211EVAL2Z
Description  100V, 3A Source, 4A Sink, High Frequency Half-Bridge Drivers with HI/LI or Tri-Level PWM Input and Adjustable Dead Time
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2211EVAL2Z Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HIP2211EVAL2Z Datasheet HTML 10Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 11Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 12Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 13Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 14Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 15Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 16Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 17Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
HIP2210, HIP2211
3. Typical Performance Curves
FN9347 Rev.1.01
Page 14 of 27
Jun.23.20
Figure 14. IHB Operating Current (RDT = 10k) vs
Frequency vs VDD
Figure 15. IHB Operating Current (RDT = 10k) vs
Frequency vs Capacitance Load
Figure 16. HI/LI Threshold Levels vs
Temperature vs VDD
Figure 17. PWM Threshold Levels vs
Temperature
Figure 18. PWM Floating Pin Voltage vs
Temperature vs VDD
Figure 19. EN Input Threshold vs Temperature vs VDD
Unless otherwise specified, operating conditions at: T = +25°C; VDD = EN = 12V; VSS = HS = 0V; Capacitor from HB to HS pin
CBOOT = 0.22µF; 100kΩ load on LO to VSS and HO to HS. (Continued)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
10
100
1000
Frequency (kHz)
HIP2210 VDD = 6V
HIP2210 VDD = 12V
HIP2210 VDD = 18V
HIP2211 VDD = 6V
HIP2211 VDD = 12V
HIP2211 VDD = 18V
0
20
40
60
80
100
120
140
10
100
1000
Frequency (kHz)
Cload = 1nF
Cload = 4.7nF
Cload = 10nF
0.0
0.5
1.0
1.5
2.0
2.5
612
18
VDD (V)
VIH 125°C
VIL 125°C
VIH 25°C
VIL 25C
VIH -40°C
VIL -40°C
0
10
20
30
40
50
60
70
80
-40
10
60
110
Temperature (°C)
Vpwmhr
Vpwmhf
Vpwmlf
Vpwmlr
45
46
47
48
49
50
51
-40
10
60
110
Temperature (°C)
VFLOAT (VREF = 2.7V)
VFLOAT (VREF = 5.5V)
0.0
0.5
1.0
1.5
2.0
2.5
612
18
VDD (V)
VENH 125°C
VENL 125°C
VENH 25°C
VENL 25°C
VENH -40°C
VENL -40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com