Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP2211EVAL2Z Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HIP2211EVAL2Z
Description  100V, 3A Source, 4A Sink, High Frequency Half-Bridge Drivers with HI/LI or Tri-Level PWM Input and Adjustable Dead Time
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2211EVAL2Z Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HIP2211EVAL2Z Datasheet HTML 5Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 6Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 7Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 8Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 9Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 10Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 11Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 12Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
HIP2210, HIP2211
2. Specifications
FN9347 Rev.1.01
Page 9 of 27
Jun.23.20
2.5
Switching Specifications
VDD Rising UVLO Delay
Characterization only. No limits.
-
1
-
µs
VDD Falling UVLO Delay
Characterization only. No limits.
-
2
-
µs
VHB Rising Threshold
VHBR
4.8
5.1
5.4
V
VHB Falling Threshold
VHBF
4.25
4.6
4.85
V
VHB Threshold Hysteresis
VHBH
-
0.5
-
V
VHB Rising UVLO Delay
Characterization only. No limits.
-
10
-
µs
VHB Falling UVLO Delay
Characterization only. No limits.
-
12
-
µs
Bootstrap Diode
Low Current Forward Voltage
VFL
IVDD - HB = 100µA
-
0.65
0.85
V
High Current Forward Voltage
VFH
IVDD - HB = 100mA
-
0.85
1
V
Dynamic Resistance
RD
RD = ΔVD/ΔIVDD-HB
IVDD-HB = 80mA and 100mA
-0.5
0.9
Ω
Reverse Bias Leakage
IR
VHB = VHS = 100V; VDD = 0V
-
0.11
-
µA
Reverse Recovery Time
tRR
100mA forward to 100V reverse
-
50
-
ns
LO Gate Driver
Low-Level Output Voltage
VOL_LO
ILO = 100mA sink
-
0.1
0.17
V
High-Level Output Voltage
VOH_LO
ILO = 100mA source
VOH_LO = VDD - VLO
-0.16
0.27
V
Peak Pull-Up Source Current
IOH_LO
VLO = 0V; Limits are internal
specifications only
-3
-
A
Peak Pull-Down Sink Current
IOL_LO
VLO = 12V; Limits are internal
specifications only
-4
-
A
LO Pin Pull-Down Resistance
RLO
VDD = 0V; LO = 100mV; To VSS
-
140
-
kΩ
HO Gate Driver
Low-Level Output Voltage
VOL_HO
IHO = 100mA sink
-
0.1
0.17
V
High-Level Output Voltage
VOH_HO
IHO = 100mA source
VOH_HO = VHB - VHO
-0.16
0.27
V
Peak Pull-Up Current
IOH_HO
VHO = 0V; Limits are internal
specifications only.
-3
-
A
Peak Pull-Down Current
IOL_HO
VHO = VHB; Limits are internal
specifications only.
-4
-
A
HO Pin Pull-Down Resistance
RHO
HB - HS = 0V; HO = 100mV; To HS
-
450
-
kΩ
VDD = HB = 12V; VSS = HS = 0V; HI = LI = 0V to 5V; PWM = 0V to VREF; RDT = 1kΩ, 10kΩ, or 100kΩ. No load on LO or HO, unless
otherwise specified. Boldface limits apply across the operating temperature range, - 40°C to +125°C.
Parameters
Symbol
Test Conditions
Min
(Note 11)Typ
Max
(Note 11)Units
Propagation Delays (HIP2211)
LO Turn-Off Propagation Delay
tPDLI_F
LI = 1 to 0; VDD = 12V
-
15
30
ns
LI = 1 to 0; VDD = 6V
-
15
30
ns
LO Turn-On Propagation Delay
tPDLI_R
LI = 0 to 1; VDD = 12V
-
15
30
ns
LI = 0 to 1; VDD = 6V
-
15
30
ns
VDD = HB = EN = 12V; VSS = HS = 0V; HI = LI = 0; VREF = 5V; PWM = 2.5V. No load on LO or HO, unless otherwise specified. Boldface
limits apply across the operating temperature range, -40°C to +125°C. (Continued)
Parameters
Symbol
Test Conditions
Min
(Note 11)Typ
Max
(Note 11)Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com