| Electronic Components Datasheet Search |
|
HC05RC17GRS/D Datasheet(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC17GRS/D Datasheet(HTML) 16 Page - NXP Semiconductors |
|
16 / 128 page ![]() General Description General Release Specification MC68HC05RC17 — Rev. 2.0 General Description The MC68HC05RC17 is available in 28-pin small outline integrated circuit (SOIC) or plastic dual in-line package (PDIP) packages. Four additional I/O lines are available for bond out in higher pin count packages. NOTE: Consult the factory for availability of 28-pin dual in-line and higher pin count packages. 1.3 Features Features of the MC68HC05RC17 include: • Low Cost • HC05 Core • 28-Pin SOIC or DIP Packages • On-Chip Oscillator with 32.768-kHz Crystal/Ceramic Resonator • Phase-Locked Loop (PLL) Synthesizer with Programmable Speed • 15,936 Bytes of User ROM • 64 Bytes of Burn-In ROM • 352 Bytes of On-Chip RAM • 14-Stage Core Timer with Real-Time Interrupt (RTI) and Computer Operating Properly (COP) Watchdog Circuits • Carrier Modulator Transmitter Supporting Baseband, Pulse Length Modulator (PLM), and Frequency Shift Keying (FSK) Protocols • Low-Power Reset Pin • 18 Bidirectional I/O Lines (Four Additional I/O Lines Available for Bond Out in Higher Pin Count Packages) • Mask Programmable Pullups and Interrupt on Eight Port Pins (PB0–PB7) • High-Current Infrared (IR) Drive Pin • High-Current Port Pin (PC0) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |