| Electronic Components Datasheet Search |
|
HC05RC17GRS/D Datasheet(PDF) 43 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC17GRS/D Datasheet(HTML) 43 Page - NXP Semiconductors |
|
43 / 128 page ![]() Interrupts Hardware Interrupts MC68HC05RC17 — Rev. 2.0 General Release Specification Interrupts 4.6 Hardware Interrupts All hardware interrupts except RESET are maskable by the I bit in the CCR. If the I bit is set, all hardware interrupts (internal and external) are disabled. Clearing the I bit enables the hardware interrupts. The three types of hardware interrupts are explained in the following sections. 4.7 External Interrupt (IRQ/Port B Keyscan) The IRQ pin provides an asynchronous interrupt to the CPU. A block diagram of the IRQ function is shown in Figure 4-2. NOTE: The BIH and BIL instructions will apply to the level on the IRQ pin itself and to the output of the logic OR function with the port B IRQ interrupts. The states of the individual port B pins can be checked by reading the appropriate port B pins as inputs. The IRQ pin is one source of an external interrupt. All port B pins (PB0 through PB7) act as other external interrupt sources if the pullup/interrupt feature is enabled as speci ed b y the user. Figure 4-2. IRQ Function Block Diagram IRQ LATCH R IRQ PIN LEVEL (MASK OPTION) TO IRQ PROCESSING IN CPU PORT B INTERRUPT/KEYSCAN TO BIH & BIL INSTRUCTION SENSING RST IRQ VECTOR FETCH VDD EIMSK Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |