| Electronic Components Datasheet Search |
|
HC05RC17GRS/D Datasheet(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC17GRS/D Datasheet(HTML) 20 Page - NXP Semiconductors |
|
20 / 128 page ![]() General Description General Release Specification MC68HC05RC17 — Rev. 2.0 General Description STOPEN — STOP Instruction Enable When the STOP option is selected (STOPEN = 1), the STOP instruction is enabled. When the STOP option is deselected (STOPEN = 0), the STOP instruction is equivalent to a WAIT instruction. IRQ — IRQ sensitivity When the IRQ option is selected (IRQ = 1), edge- and level-sensitive IRQ is enabled. When the IRQ option is deselected (IRQ = 0), edge-only sensitive IRQ is enabled. NOTE: The port B keyscan interrupt sensitivity will match that of the IRQ sensitivity. (See 4.7 External Interrupt (IRQ/Port B Keyscan) for more information.) 1.5 Signal Description Pinout for the 28-pin small outline integrated circuit (SOIC) package is shown in Figure 1-2. Pinout for the 28-pin plastic dual in-line (PDIP) package is shown in Figure 1-3. The signals are described in the following subsections. NOTE: Consult the factory for availability of 28-pin dual in-line and higher pin count packages. 1.5.1 VDD and VSS Power is supplied to the microcontroller’s digital circuits using these two pins. VDD is the positive supply and VSS is ground. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |