| Electronic Components Datasheet Search |
|
HC05RC17GRS/D Datasheet(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC17GRS/D Datasheet(HTML) 22 Page - NXP Semiconductors |
|
22 / 128 page ![]() General Description General Release Specification MC68HC05RC17 — Rev. 2.0 General Description 1.5.2 IRQ (Maskable Interrupt Request) This pin has a mask option as specified by the user that provides one of two different choices of interrupt triggering sensitivity. The options are: 1. Negative edge-sensitive triggering only 2. Both negative edge-sensitive and level-sensitive triggering The MCU completes the current instruction before it responds to the interrupt request. When IRQ goes low for at least one tILIH, a logic 1 is latched internally to signify that an interrupt has been requested. When the MCU completes its current instruction, the interrupt latch is tested. If the interrupt latch contains a logic 1 and the interrupt mask bit (I bit) in the condition code register is clear, the MCU then begins the interrupt sequence. If the option is selected to include level-sensitive triggering, the IRQ input requires an external resistor to VDD for wired-OR operation. The IRQ pin contains an internal Schmitt trigger as part of its input to improve noise immunity. Refer to Section 4. Interrupts for more detail. 1.5.3 OSC1 and OSC2 These pins provide control input for an on-chip clock oscillator circuit. A crystal, a ceramic resonator, or an external signal connects to these pins to provide a system clock. The oscillator frequency is two times the internal bus rate. Figure 1-4 shows the recommended circuit when using a crystal. The crystal and components should be mounted as close as possible to the input pins to minimize output distortion and startup stabilization time. A ceramic resonator may be used in place of the crystal in cost-sensitive applications. Figure 1-4 (a) shows the recommended circuit for using a ceramic resonator. The manufacturer of the particular ceramic resonator being considered should be consulted for specific information. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |