| Electronic Components Datasheet Search |
|
TL16C752BTPTREP Datasheet(PDF) 9 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL16C752BTPTREP Datasheet(HTML) 9 Page - Texas Instruments |
|
9 / 35 page ![]() TL16C752B-EP 3.3-V DUAL UART WITH 64-BYTE FIFO SGLS153 – FEBRUARY 2003 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 functional description (continued) software flow control example Assumptions: UART1 is transmitting a large text file to UART2. Both UARTs are using software flow control with single character Xoff (0F) and Xon (0D) tokens. Both have Xoff threshold (TCR [3:0]=F) set to 60 and Xon threshold (TCR[7:4]=8) set to 32. Both have the interrupt receive threshold (TLR[7:4]=D) set to 52. UART1 begins transmission and sends 52 characters, at which point UART2 generates an interrupt to its processor to service the RCV FIFO, but assume the interrupt latency is fairly long. UART1 continues sending characters until a total of 60 characters have been sent. At this time UART2 transmits a 0F to UART1, informing UART1 to halt transmission. UART1 likely sends the 61st character, while UART2 is sending the Xoff character. UART2 is serviced and the processor reads enough data out of the RCV FIFO that the level drops to 32. UART2 now sends a 0D to UART1, informing UART1 to resume transmission. reset Table 2 summarizes the state of registers after reset. Table 2. Register Reset Functions REGISTER RESET CONTROL RESET STATE Interrupt enable register RESET All bits cleared Interrupt identification register RESET Bit 0 is set. All other bits cleared. FIFO control register RESET All bits cleared Line control register RESET Reset to 00011101 (1D hex). Modem control register RESET All bits cleared Line status register RESET Bits 5 and 6 set. All other bits cleared. Modem status register RESET Bits 0 – 3 cleared. Bits 4 – 7 input signals. Enhanced feature register RESET All bits cleared Receiver holding register RESET Pointer logic cleared Transmitter holding register RESET Pointer logic cleared Transmission control register RESET All bits cleared Trigger level register RESET All bits cleared NOTE: Registers DLL, DLH, SPR, Xon1, Xon2, Xoff1, Xoff2 are not reset by the top-level reset signal RESET, i.e., they hold their initialization values during reset. Table 3 summarizes the state of registers after reset. Table 3. Signal Reset Functions SIGNAL RESET CONTROL RESET STATE TX RESET High RTS RESET High DTR RESET High RXRDY RESET High TXRDY RESET Low interrupts The TL16C752B-EP has interrupt generation and prioritization (6 prioritized levels of interrupts) capability. The interrupt enable register (IER) enables each of the 6 types of interrupts and the INT signal in response to an interrupt generation. The IER can also disable the interrupt system by clearing bits 0–3, 5–7. When an interrupt is generated, the IIR indicates that an interrupt is pending and provides the type of interrupt through IIR[5–0]. Table 4 summarizes the interrupt control functions. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |