Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TL16C752BTPTREP Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C752BTPTREP
Description  3.3-V DUAL UART WITH 64-BYTE FIFO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C752BTPTREP Datasheet(HTML) 23 Page - Texas Instruments

Back Button TL16C752BTPTREP Datasheet HTML 19Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 20Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 21Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 22Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 23Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 24Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 25Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 26Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
TL16C752B-EP
3.3-V DUAL UART WITH 64-BYTE FIFO
SGLS153 – FEBRUARY 2003
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
register map†
Each register is selected using address lines A[0], A[1], A[2], and in some cases, bits from other registers. The
programming combinations for register selection are shown in Table 7. All registers shown in bold are accessed
by a combination of address pins and register bits.
Table 7. Register Map – Read/Write Properties
A[2]
A[1]
A[0]
READ MODE
WRITE MODE
0
0
0
Receive holding register (RHR)
Transmit holding register (THR)
0
0
1
Interrupt enable register (IER)
Interrupt enable register
0
1
0
Interrupt identification register (IIR)
FIFO control register (FCR)
0
1
1
Line control register (LCR)
Line control register
1
0
0
Modem control register (MCR)
Modem control register
1
0
1
Line status register (LSR)
1
1
0
Modem status register (MSR)
1
1
1
Scratch register (SPR)
Scratch register (SPR)
0
0
0
Divisor latch LSB (DLL)
Divisor latch LSB (DLL)
0
0
1
Divisor latch MSB (DLH)
Divisor latch MSB (DLH
0
1
0
Enhanced feature register (EFR)
Enhanced feature register
1
0
0
Xon-1 word
Xon-1 word
1
0
1
Xon-2 word
Xon-2 word
1
1
0
Xoff-1 word
Xoff-1 word
1
1
1
Xoff-2 word
Xoff-2 word
1
1
0
Transmission control register (TCR)
Transmission control register
1
1
1
Trigger level register (TLR)
Trigger level register
1
1
1
FIFO ready register
† DLL and DLH are accessible only when LCR bit-7, is 1.
Enhanced feature register, Xon1, 2 and Xoff1, 2 are accessible only when LCR is set to 10111111 (8hBF).
Transmission control register and trigger level register are accessible only when EFR[4] = 1 and MCR[6] = 1, i.e. EFR[4] and MCR[6] are
read/write enables.
FIFORdy register is accessible only when CSA and CSB = 0, MCR [2] = 1 and loopback is disabled (MCR[4]=0).
MCR[7] can only be modified when EFR[4] is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com