| Electronic Components Datasheet Search |
|
TL16C752BTPTREP Datasheet(PDF) 25 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL16C752BTPTREP Datasheet(HTML) 25 Page - Texas Instruments |
|
25 / 35 page ![]() TL16C752B-EP 3.3-V DUAL UART WITH 64-BYTE FIFO SGLS153 – FEBRUARY 2003 25 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION receiver holding register (RHR) and the receiver shift register (RSR) The receiver section consists of the receiver holding register (RHR) and the receiver shift register (RSR). The RHR is actually a 64-byte FIFO. The RSR receives serial data from the RX terminal. The data is converted to parallel data and moved to the RHR. The receiver section is controlled by the line control register. If the FIFO is disabled, location zero of the FIFO is used to store the characters. (Note, in this case characters are overwritten if overflow occurs.) If overflow occurs, characters are lost. The RHR also stores the error status bits associated with each character. transmit holding register (THR) and the transmit shift register (TSR) The transmitter section consists of the transmit holding register (THR) and the transmit shift register (TSR). The THR is actually a 64-byte FIFO. The THR receives data and shifts it into the TSR, where it is converted to serial data and moved out on the TX terminal. If the FIFO is disabled, the FIFO is still used to store the byte. Characters are lost if overflow occurs. FIFO control register (FCR) The FIFO control register is a write-only register, which is used for enabling the FIFOs, clearing the FIFOs, setting transmitter and receiver trigger levels, and selecting the type of DMA signalling. Table 9 shows the FCR bit settings. Table 9. FIFO Control Register (FCR) Bit Settings BIT NO. BIT SETTINGS 0 0 = Disable the transmit and receive FIFOs 1 = Enable the transmit and receive FIFOs 1 0 = No change 1 = Clears the receive FIFO and resets counter logic to zero. Returns to zero after clearing FIFO. 2 0 = No change 1 = Clears the transmit FIFO and resets counter logic to zero. Returns to zero after clearing FIFO. 3 0 = DMA Mode 0 1 = DMA MOde 1 5:4 Sets the trigger level for the TX FIFO: 00 – 8 spaces 01 – 16 spaces 10 – 32 spaces 11 – 56 spaces 7:6 Sets the trigger level for the RX FIFO: 00 – 8 characters 01 – 16 characters 10 – 56 characters 11 – 60 characters NOTE: FCR[5 – 4] can only be modified and enabled when EFR[4] is set. This is because the transmit trigger level is regarded as an enhanced function. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |