Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TL16C752BTPTREP Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C752BTPTREP
Description  3.3-V DUAL UART WITH 64-BYTE FIFO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C752BTPTREP Datasheet(HTML) 24 Page - Texas Instruments

Back Button TL16C752BTPTREP Datasheet HTML 20Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 21Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 22Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 23Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 24Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 25Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 26Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 27Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
TL16C752B-EP
3.3-V DUAL UART WITH 64-BYTE FIFO
SGLS153 – FEBRUARY 2003
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
Table 8 lists and describes the TL16C752B-EP internal registers.
Table 8. TL16C752B-EP Internal Registers
Addr
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
READ/
WRITE
000
RHR
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Read
000
THR
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Write
001
IER
0/CTS
interrupt
enable†
0/RTS
interrupt
enable†
0/Xoff
sleep
mode†
0/X Sleep
mode†
Modem
status
interrupt
Rx line
status
interrupt
THR
empty
interrupt
Rx data
available
interrupt
Read/Write
010
FCR
Rx trigger
level
Rx trigger
level
0/TX
trigger
level†
0/TX
trigger
level†
DMA
mode
select
Resets
Tx FIFO
Resets
Rx FIFO
Enables
FIFOs
Write
010
IIR
FCR(0)
FCR(0)
0/CTS,
RTS†
0/Xoff†
Interrupt
priority
Bit 2
Interrupt
priority
Bit 1
Interrupt
priority
Bit 0
Interrupt
status
Read
011
LCR
DLAB and
EFR
enable
Break
control bit
Sets parity
Parity type
select
Parity
enable
Number of
stop bits
Word
length
Word
length
Read/Write
100
MCR
1x or 1x/4
clock
TCR and
TLR
enable
0/Xon Any
0/Enable
loopback
IRQ
enable
OP
FIFO Rdy
enable
RTS
DTR
Read/Write
101
LSR
0/Error in
Rx FIFO
THR and
TSR empty
THR
empty
Break
interrupt
Framing
error
Parity
error
Overrun
error
Data in
receiver
Read
110
MSR
CD
RI
DSR
CTS
∆CD
∆RI
∆DSR
∆CTS
Read
111
SPR
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Read/Write
000
DLL
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Read/Write
001
DLH
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
Read/Write
010
EFR
Auto-CTS
Auto-RTS
Special
character
detect
Enable
enhanced
functions†
S/W flow
control
Bit 3
S/W flow
control
Bit 2
S/W flow
control
Bit 1
S/W flow
control
Bit 0
Read/Write
100
Xon1
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Read/Write
101
Xon2
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Read/Write
110
Xoff1
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Read/Write
111
Xoff2
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Read/Write
110
TCR
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Read/Write
111
TLR
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Read/Write
111
FIFO Rdy
0
0
RX FIFO
B status
RX FIFO
A status
0
0
TX FIFO
B status
TX FIFO
A status
Read
† The shaded bits in the above table can only be modified if register bit EFR[4] is enabled, i.e., if enhanced functions are enabled.
NOTE: See the notes under Table 7 for more register access information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com