Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 57 Page - Texas Instruments

Part # DAC39RFS10
Description  DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39RFS10 Datasheet(HTML) 57 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 53Page - Texas Instruments DAC39RFS10 Datasheet HTML 54Page - Texas Instruments DAC39RFS10 Datasheet HTML 55Page - Texas Instruments DAC39RFS10 Datasheet HTML 56Page - Texas Instruments DAC39RFS10 Datasheet HTML 57Page - Texas Instruments DAC39RFS10 Datasheet HTML 58Page - Texas Instruments DAC39RFS10 Datasheet HTML 59Page - Texas Instruments DAC39RFS10 Datasheet HTML 60Page - Texas Instruments DAC39RFS10 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 178 page
background image
Table 8-7. Supported Interpolation Factors vs Number of DUCs Enabled
Number of Streams (JESD_M)
Interpolation Factors Supported (L)
DUCs Enabled
2
2-256x
DUC0
4
4-256x
DUC0, DUC1
6
8-256x
DUC0, DUC1, DUC2
8
8-256x
DUC0, DUC1, DUC2, DUC3
The NCOs and mixer can be bypassed, essentially setting the frequency and phase to 0, in which case the I
input passes to the I output and the Q input passes to the Q output.
8.3.6.1.1 Interpolation Filters
The first operation of the DUC is to interpolate the input signal to a higher data rate. The available
interpolation options are summarized in Table 8-8. The sampling rate of the input signal is multiplied by the
specified interpolation amount to determine the DAC output rate, subject to the maximum sample rate for the
DAC39RF10. These rates do not include the optional 2x interpolation for DES mode. For interpolations rates 6x
and below, a reduced number of DUC channels are available.
Table 8-8. Summary of Interpolation Options
INTERPOLATION
Maximum Number of DUC channels
2x
1
3x
1
4x
2
6x
2
8x
4
12x
4
16x
4
24x
4
32x
4
48x
4
64x
4
96x
4
128x
4
192x
4
256x
4
Each DUC contains multiple 2x or 3x interpolating filters. The composite interpolation filter composite responses
are given in Figure 8-14 to Figure 8-42. The filters are designed to provide a passband bandwidth of 80% on the
input bandwidth and passband ripple less than 0.01 dB. The stopband attenuation is greater than 90 dB for any
signal within the passband.
www.ti.com
DAC39RF10
SBASAC8 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: DAC39RF10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com