Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 86 Page - Texas Instruments

Part # DAC39RFS10
Description  DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39RFS10 Datasheet(HTML) 86 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 82Page - Texas Instruments DAC39RFS10 Datasheet HTML 83Page - Texas Instruments DAC39RFS10 Datasheet HTML 84Page - Texas Instruments DAC39RFS10 Datasheet HTML 85Page - Texas Instruments DAC39RFS10 Datasheet HTML 86Page - Texas Instruments DAC39RFS10 Datasheet HTML 87Page - Texas Instruments DAC39RFS10 Datasheet HTML 88Page - Texas Instruments DAC39RFS10 Datasheet HTML 89Page - Texas Instruments DAC39RFS10 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 178 page
background image
8.5.1.6 Streaming Mode
The serial interface supports streaming reads and writes. In this mode, the initial 24 bits of the transaction
specifics the access type, register address, and data value as normal. Additional clock cycles of write or read
data are immediately transferred, as long as the SCS input is maintained in the asserted (logic low) state. The
register address auto increments (default) or decrements for each subsequent 8-bit transfer of the streaming
transaction. The ADDR_ASC bit (register 000h, bits 5 and 2) controls whether the address value ascends
(increments) or descends (decrements). Streaming mode can be disabled by setting the ADDR_HOLD bit (see
the SPI Configuration register). Figure 8-58 shows the streaming mode transaction details.
SCLK
1
24
Multiple Register Access
SCS
SDI
Command Field
Data Field (write mode)
SDO
(read mode)
Data Field
High Z
17
16
8
32
Data Field
High Z
25
Data Field (write mode)
A14 A13 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0
R/W
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
Figure 8-58. Serial Interface Protocol: Streaming Read and Write
8.5.2 Using the Fast Reconfiguration Interface
The FR interface provides fast write-only access to configure NCO frequencies and synchronization. The FR
interface is similar to the SPI interface, but 4 bits are sent per clock cycle. The FR timing diagram is shown
in Figure 8-59. It uses a R/W bit (always Write for this device), a transaction sync bit (FRS), and 14-bits of
address followed by some number of data bytes. The address is decremented after each data byte (consistent
with little-endian). The interface is byte addressable and data is committed after each byte. The FR interface
is takes 4-bits (one nibble) per clock. For multi-nibble fields, data is sent least-significant nibble first. When the
transaction sync bit (FRS) is set, the synchronization event specified in FR_SYNC_SRC occurs at the rising
edge of FRCS. Transactions ended before the completion of the first data byte may not trigger the sync event.
FRCS
FRCLK
FRDI[3]
RW
A[11]
A[7]
A[3]
D[7]
D[3]
Address A
Address A-1
FRS
A[10]
A[6]
A[2]
D[6]
D[2]
A[13]
A[9]
A[5]
A[1]
D[5]
D[1]
A[12]
A[8]
A[4]
A[0]
D[4]
D[0]
FRDI[2]
FRDI[1]
FRDI[0]
D[7]
D[3]
D[6]
D[2]
D[5]
D[1]
D[4]
D[0]
Figure 8-59. FR Interface Timing Diagram
DAC39RF10
SBASAC8 – MAY 2023
www.ti.com
86
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DAC39RF10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com