Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC39RFS10
Description  DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39RFS10 Datasheet(HTML) 1 Page - Texas Instruments

  DAC39RFS10 Datasheet HTML 1Page - Texas Instruments DAC39RFS10 Datasheet HTML 2Page - Texas Instruments DAC39RFS10 Datasheet HTML 3Page - Texas Instruments DAC39RFS10 Datasheet HTML 4Page - Texas Instruments DAC39RFS10 Datasheet HTML 5Page - Texas Instruments DAC39RFS10 Datasheet HTML 6Page - Texas Instruments DAC39RFS10 Datasheet HTML 7Page - Texas Instruments DAC39RFS10 Datasheet HTML 8Page - Texas Instruments DAC39RFS10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 178 page
background image
DAC39RF10
10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog
Converter (DAC) with JESD204B, C Interface
1 Features
• 16-bit, 10.24-GSPS, Multi-Nyquist DAC core
• Maximum input data rate:
– 8-bit, Single channel, DES mode: 20.48 GSPS
– 12-bit, Single channel, DES mode: 15.5 GSPS
– 16-bit, Single channel: 10.24 GSPS
– 8-bit, Dual channel, 10.24 GSPS
– 12-bit, Dual channel: 7.75 GSPS/ch
– 16-bit, Dual channel: 6.2 GSPS/ch
• Output bandwidth (-3 dB): 12 GHz
• Performance at fOUT = 2.997 GHz, DES2X mode
– Noise floor (small signal): –166 dBFS/Hz
– SFDR (-0.1 dBFS) : –67 dBc
– IMD3 (-7 dBFS each tone) : –70 dBc
– Additive phase noise, 10 kHz offset: -137
dBc/Hz
• Four Integrated Digital Up-Converters (DUC)
– Interpolation: 1x, 2x, 3x, 4x, 6x, 8x ... 256x
– Complex baseband DUC for I/Q output
– Complex to real upconversion for dual channel
direct RF sampling
– 64-bit frequency resolution NCOs
• Fast reconfiguration interface for fast frequency
hopping
– 4-bit data with 100 MHz clock
– 160ns reconfiguration (32-bit frequency and 16-
bit phase)
– Any frequency hopping with phase coherence
• JESD204C Interface
– Up to 16 Lanes at up to 12.8 Gbps
– Class C-S, Subclass-1 Compatible
– Internal AC coupling capacitors
• SYSREF Windowing for automatic SYSREF timing
calibration
2 Applications
• Satellite communications (SATCOM)
• Phased array antenna systems
• Synthetic aperture radar (SAR) exciter
• Wireless communications testers
• Arbitrary waveform generator (AWG)
3 Description
The DAC39RF10 is a family of single and dual
channel digital-to-analog converter (DAC) with 16-bit
resolution. The devices can be used as single channel
or dual channel non-interpolation DACs. The device
can also be used as interpolating DACs in either
direct RF sampling mode or baseband mode. The
maximum input data rate is 20.48 GSPS in single
channel mode or 10.24 Gsps in dual channel mode
or baseband mode. The device can generate signals
of up to 10, 7.5, and 5 GHz signal bandwidth (8,
12, and 16-bit input resolution) at carrier frequencies
exceeding 8 GHz enabling direct sampling through
C-band and into X-band.
The
high
sampling
rate,
output
frequency
range, 64-bit NCO frequency resolution and any
frequency hopping with phase coherence also
makes DAC39RF10 capable of arbitrary waveform
generation (AWG) and direct digital synthesis (DDS).
A JESD204B and JESD204C compatible serial
interface has 16 receiver pairs capable of up to 12.8
Gbps. The interface is JESD204B and JESD204C
subclass-1 compliant for deterministic latency and
multi-device synchronization through the use of
SYSREF.
Package Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
DAC39RF10
DAC39RFS10 (2)
FCBGA (256)
17 mm x 17 mm, 1
mm pitch
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
Product Preview
CLK+
CLK–
SYSREF+
SYSREF–
SYSREF Window
JESD204B/
204C
Block
0SRX+
0SRX–
DACOUTB+
DACOUTB–
SYNC
Mul -Nyquist DAC
7SRX+
7SRX–
15SRX+
15SRX–
8SRX+
8SRX–
Lane
MUX
DACOUTA+
DACOUTA–
Mul -Nyquist DAC
RF
Bonder
or
IQ DAC
MUX
DUC0
L
DUC1
L
DUC2
L
DUC3
L
2
DESDAC
2
DESDAC
Fast
Recon gura on
controller
Control Interface & GPIOs
Block Diagram
DAC39RF10
SBASAC8 – MAY 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - DAC39RFS10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC39RFS10 TI1-DAC39RFS10 Datasheet
14Mb / 222P
DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
REVISED NOVEMBER 2023
DAC39RFS10 TI1-DAC39RFS10 Datasheet
12Mb / 180P
DAC39RF10EF DAC39RFS10EF 10.24, 20.48GSPS, Dual and Single Channel, Multi- Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
NOVEMBER 2023
DAC39RFS10 TI1-DAC39RFS10 Datasheet
14Mb / 208P
DAC39RF12, DAC39RFS12 12, 24-GSPS, 16-bit, Dual or Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
NOVEMBER 2023
DAC39RFS10 TI1-DAC39RFS10 Datasheet
14Mb / 226P
DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
MARCH 2024
DAC39RFS10 TI1-DAC39RFS10 Datasheet
14Mb / 213P
DAC39RF12, DAC39RFS12 12, 24-GSPS, 16-bit, Dual or Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
MARCH 2024
More results

Similar Description - DAC39RFS10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3482 TI1-DAC3482 Datasheet
1Mb / 79P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_14 Datasheet
1Mb / 92P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC39J84 TI-DAC39J84_15 Datasheet
2Mb / 146P
DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
DAC3482 TI-DAC3482_15 Datasheet
2Mb / 106P
DAC3482, Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
logo
Analog Devices
AD9207 AD-AD9207 Datasheet
252Kb / 5P
12-Bit, 6 GSPS, JESD204B/C Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC39RF10EF TI1-DAC39RF10EF Datasheet
12Mb / 180P
DAC39RF10EF DAC39RFS10EF 10.24, 20.48GSPS, Dual and Single Channel, Multi- Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
NOVEMBER 2023
DAC39RF10 TI1-DAC39RF10_V01 Datasheet
14Mb / 222P
DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
REVISED NOVEMBER 2023
DAC39RF12 TI1-DAC39RF12 Datasheet
14Mb / 208P
DAC39RF12, DAC39RFS12 12, 24-GSPS, 16-bit, Dual or Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com