Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC39RFS10
Description  DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39RFS10 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 5Page - Texas Instruments DAC39RFS10 Datasheet HTML 6Page - Texas Instruments DAC39RFS10 Datasheet HTML 7Page - Texas Instruments DAC39RFS10 Datasheet HTML 8Page - Texas Instruments DAC39RFS10 Datasheet HTML 9Page - Texas Instruments DAC39RFS10 Datasheet HTML 10Page - Texas Instruments DAC39RFS10 Datasheet HTML 11Page - Texas Instruments DAC39RFS10 Datasheet HTML 12Page - Texas Instruments DAC39RFS10 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 178 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Supply voltage range
Supply voltage range, VDDA18A, VDDA18B(2)
-0.3
2.45
V
Supply voltage range, VEEAM18, VEEBM18(2)
-2.0
0.3
V
Supply voltage range, VDDCLK18, VDDSYS18(3)
-0.3
2.45
V
Supply voltage range, VDDLB, VDDLA,
VDDCLK10(3)
-0.3
1.3
V
Supply voltage range, VDDIO, VQPS, VDDR18(4)
-0.3
2.45
V
Supply voltage range, VDDDIG, VDDEB, VDDEA,
VDDT(4)
-0.3
1.3
V
Voltage between any combination of
AGND, DGND and VSSCLK
Voltage between any combination of AGND,
DGND and VSSCLK
-0.1
0.1
V
Voltage applied to input pins
CLK+, CLK–, SYSREF+, SYSREF-(3)
-0.3
VDDCLK18+0.3
V
[0:15]SRX-/+ AC Voltage
1.6
[0:15]SRX-/+ DC Voltage to GND
-5
5
SCLK, SCS, SDI, RESET, SYNC, SCANEN,
TXEN[0:1], FRDI[0:3], FRCLK, FRCS, SYNC (4)
-0.3
VDDIO+0.3
EXTREF(2)
-0.3
VDDA18A + 0.3
Voltage at output pins
DACOUTA+, DACOUTA-(2)
-0.3
VDDA18A + 0.5
V
DACOUTB+, DACOUTB-(2)
-0.3
VDDA18B + 0.5
ATEST, RBIAS-/+(2)
-0.5
VDDA18B + 0.3
SDI, SDO, ALARM(4)
-0.5
VDDIO + 0.3
Peak input current (any input)
-20
20
mA
Peak total input current (sum of absolute value of all currents forced in or out,
not including power supply current and DACOUTA+, DACOUTA–, DACOUTB+ and
DACOUTB–)
30
mA
Junction temperature, TJ
150
°C
Storage temperature, Tstg
-65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
Measured to AGND.
(3)
Measured to VSSCLK.
(4)
Measured to DGND.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/
ESDA/JEDEC JS-001, all pins(1)
1000
V
Charged device model (CDM), per ANSI/
ESDA/JEDEC JS-002, all pins(2)
250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
www.ti.com
DAC39RF10
SBASAC8 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: DAC39RF10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com