Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 83 Page - Texas Instruments

Part # DAC39RFS10
Description  DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39RFS10 Datasheet(HTML) 83 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 79Page - Texas Instruments DAC39RFS10 Datasheet HTML 80Page - Texas Instruments DAC39RFS10 Datasheet HTML 81Page - Texas Instruments DAC39RFS10 Datasheet HTML 82Page - Texas Instruments DAC39RFS10 Datasheet HTML 83Page - Texas Instruments DAC39RFS10 Datasheet HTML 84Page - Texas Instruments DAC39RFS10 Datasheet HTML 85Page - Texas Instruments DAC39RFS10 Datasheet HTML 86Page - Texas Instruments DAC39RFS10 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 178 page
background image
8.4.4 NCO Synchronization Latency
There are two deterministic methods for synchronizing the NCO (frequency or phase change, accumulator
reset): through an LSB of the JESD204C interface or via SYSREF. The latency parameters for each
sychronization method are listed in Table 8-36.
Using SYSREF as the Synchronization source, the latency parameter TSYSREF_NCO is the time between the
rising edge of SYSREF and the arrival of the NCO change at the DAC output. The alignment to the data path
samples can be calculated by the Excel spreadsheet latency calculator discussed in Section 8.4.5.
When using the JESD204C interface LSB, the latency parameter TJSYNC_NCO is the difference in time of the
NCO synchronization event relative to the corresponding data sample aligned with the LSB. TJSYNC_NCO is
deterministic, but for some modes depends on the alignment of the LSB rising edge to the multiframe boundary
(see Table 8-37).
Table 8-36. NCO Synchronization Latency Parameters
Latency Parameter
Description
Value
TSYSREF_NCO
Latency from SYSREF sampled high (by DEVCLK) to DAC output reacting to an
NCO synchronization event (that was triggered by SYSREF).
477.5 DEVCLK cycles
TJSYNC_NCO
The latency through the interpolation filter(s) to the NCO minus the latency of the
LSB that synchronizes the NCO. Applies only when using the LSB of the input data
to synchronize the NCO. To make input sample n be the first sample to be mixed
with a new NCO frequency or phase, the LSB should be brought high on sample n’
= n+TJSYNC_NCO/LT. Note that n’ may not be an integer as the synchronization path
is not always a whole number of input sample periods.
See Table 8-37
Table 8-37. TJSYNC_NCO vs. LT
Interpolation Factor (LT)
TJSYNC_NCO [DEVCLK cycles](1)
2
-144, -142, -140, -138, -136, -134, -132, -130
3
-89, -86, -83, -81, -80, -78, -77, -75, -74, -72, -71, -69, -68, -66, -63, -60
4
-36, -32, -28, -24
6
34, 40, 42, 46, 48, 52, 54, 60
8
86, 94
12
186, 194, 198, 206
16
290
24
458, 466
32
648
48
968
64
1396
96
2036
128
2932
192
4212
256
6004
(1)
When multiple values are listed, it indicates that TJSYNC_NCO depends on when the LSB rises with respect to the multiframe boundary.
8.4.5 Data Path Latency
There are several difference latencies defined for the device as shown in Figure 8-56 and listed in Table 8-38.
The latency within the device is dependent on the mode of operation, including JMODE, Interpolation factor,
RBD setting, NCO usage and DES setting. An Excel spreadsheet calculator is provided by TI to calculate the
device latency in different modes of operation.
In JESD204C subclass 0 operation, the latency from Serdes input to DAC output is called TDAC_LAT0 and is not
deteriministic and a minimum and maximum range is provided in the Excel spreadsheet calculator.
In JESD204C subclass 1 operation, the latency TDAC_LAT from the SYSREF input to DAC output is deterministic
and is provided in the Excel spreadsheet calculator. The JESD204C link from JESD204C transmitter to output
www.ti.com
DAC39RF10
SBASAC8 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: DAC39RF10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com