Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 92 Page - Texas Instruments

Part # DAC39RFS10
Description  DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39RFS10 Datasheet(HTML) 92 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 88Page - Texas Instruments DAC39RFS10 Datasheet HTML 89Page - Texas Instruments DAC39RFS10 Datasheet HTML 90Page - Texas Instruments DAC39RFS10 Datasheet HTML 91Page - Texas Instruments DAC39RFS10 Datasheet HTML 92Page - Texas Instruments DAC39RFS10 Datasheet HTML 93Page - Texas Instruments DAC39RFS10 Datasheet HTML 94Page - Texas Instruments DAC39RFS10 Datasheet HTML 95Page - Texas Instruments DAC39RFS10 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 178 page
background image
Figure 8-61. DEVICE_CONFIG Register (continued)
RESERVED
MODE
R/W-0h
R/W-0h
Table 8-42. DEVICE_CONFIG Register Field Descriptions
Bit
Field
Type
Reset
Description
7-2
RESERVED
R/W
0h
1-0
MODE
R/W
0h
0 : Normal operation (default)
1 : Reserved
2 : Reserved
3 : Full power down. The user should pull down the DAC output bias
on the board in this mode to avoid reliability concerns.
8.5.3.3 CHIP_TYPE Register (Offset = 3h) [reset = 04h]
CHIP_TYPE is shown in Figure 8-62 and described in Table 8-43.
Return to the Register Summary Table.
Chip Type (read-only: 0x04)
Figure 8-62. CHIP_TYPE Register
7
6
5
4
3
2
1
0
RESERVED
CHIP_TYPE
R/W-0h
R-4h
Table 8-43. CHIP_TYPE Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R/W
0h
3-0
CHIP_TYPE
R
4h
Always returns 0x4, indicating that the part is a high speed DAC.
8.5.3.4 CHIP_ID Register (Offset = 4h) [reset = 003Bh]
CHIP_ID is shown in Figure 8-63 and described in Table 8-44.
Return to the Register Summary Table.
Chip Identification (read-only)
Figure 8-63. CHIP_ID Register
15
14
13
12
11
10
9
8
CHIP_ID
R-0h
7
6
5
4
3
2
1
0
CHIP_ID
R-3Bh
Table 8-44. CHIP_ID Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
CHIP_ID
R
003Bh
Always returns 0x003B indicating it is the DAC39RF10
DAC39RF10
SBASAC8 – MAY 2023
www.ti.com
92
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DAC39RF10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com