| Electronic Components Datasheet Search |
|
DSP56307/D Datasheet(PDF) 31 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56307/D Datasheet(HTML) 31 Page - NXP Semiconductors |
|
31 / 156 page ![]() Signals/Connections SCI MOTOROLA DSP56307 Technical Data 1-25 SCI The SCI provides a full duplex port for serial communication to other DSPs, microprocessors, or peripherals such as modems. SRD1 PD4 Input/ Output Input or Output Input Serial Receive Data ÑSRD1 receives serial data and transfers the data to the ESSI receive shift register. SRD1 is an input when data is being received. Port D 4 ÑThe default configuration following reset is GPIO input PD4. When configured as PD4, signal direction is controlled through PRR1. The signal can be configured as an ESSI signal SRD1 through PCR1. Note: This signal has a weak keeper to maintain the last state even if all drivers are tri-stated. STD1 PD5 Input/ Output Input or Output Input Serial Transmit Data ÑSTD1 is used for transmitting data from the serial transmit shift register. STD1 is an output when data is being transmitted. Port D 5 ÑThe default configuration following reset is GPIO input PD5. When configured as PD5, signal direction is controlled through PRR1. The signal can be configured as an ESSI signal STD1 through PCR1. Note: This signal has a weak keeper to maintain the last state even if all drivers are tri-stated. Table 1-12 Enhanced Serial Synchronous Interface 1 (Continued) Signal Name Type State During Reset Signal Description Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com Not Recommended for New Design |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |