Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56307/D Datasheet(PDF) 91 Page - NXP Semiconductors

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56307/D Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button DSP56307/D Datasheet HTML 87Page - NXP Semiconductors DSP56307/D Datasheet HTML 88Page - NXP Semiconductors DSP56307/D Datasheet HTML 89Page - NXP Semiconductors DSP56307/D Datasheet HTML 90Page - NXP Semiconductors DSP56307/D Datasheet HTML 91Page - NXP Semiconductors DSP56307/D Datasheet HTML 92Page - NXP Semiconductors DSP56307/D Datasheet HTML 93Page - NXP Semiconductors DSP56307/D Datasheet HTML 94Page - NXP Semiconductors DSP56307/D Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 156 page
background image
Specifications
Host Interface Timing
MOTOROLA
DSP56307 Technical Data
2-55
326 Read data strobe assertion to output data active from
high impedance4 HACK assertion to output data
active from high impedance
Ñ
3.3
Ñ
ns
327 Read data strobe assertion to output data valid4
HACK assertion to output data valid
Ñ
Ñ
23.54
ns
328 Read data strobe deassertion to output data high
impedance4
HACK deassertion to output data high impedance
Ñ
Ñ
9.9
ns
329 Output data hold time after read data strobe
deassertion4
Output data hold time after HACK deassertion
Ñ
4.1
Ñ
ns
330 HCS assertion to read data strobe deassertion4
TC + 9.9
19.9
Ñ
ns
331 HCS assertion to write data strobe deassertion8
Ñ
9.9
Ñ
ns
332 HCS assertion to output data valid
Ñ
Ñ
16.5
ns
333 HCS hold time after data strobe deassertion9
Ñ
0.0
Ñ
ns
334 Address (HAD0ÐHAD7) setup time before HAS
deassertion (HMUX=1)
Ñ
4.7
Ñ
ns
335 Address (HAD0ÐHAD7) hold time after HAS
deassertion (HMUX=1)
Ñ
3.3
Ñ
ns
336 HA8ÐHA10 (HMUX=1), HA0ÐHA2 (HMUX=0),
HR/W setup time before data strobe assertion9
¥
Read
¥
Write
Ñ
0
4.7
Ñ
Ñ
ns
ns
337 HA8ÐHA10 (HMUX=1), HA0ÐHA2 (HMUX=0),
HR/W hold time after data strobe deassertion9
Ñ
3.3
Ñ
ns
338 Delay from read data strobe deassertion to host
request assertion for ÒLast Data RegisterÓ read4, 5, 10
2
× T
C + 20.6
36.5
Ñ
ns
339 Delay from write data strobe deassertion to host
request assertion for ÒLast Data RegisterÓ write5, 8, 10
1.5
× T
C + 16.5
31.5
Ñ
ns
340 Delay from data strobe assertion to host request
deassertion for ÒLast Data RegisterÓ read or write
(HROD=0)5, 9, 10
Ñ
Ñ
20.24
ns
341 Delay from data strobe assertion to host request
deassertion for ÒLast Data RegisterÓ read or write
(HROD=1, open drain host request)5, 9, 10, 11
Ñ
Ñ
300.0
ns
Table 2-19
Host Interface Timing1, 2 (Continued)
No.
Characteristic3
Expression
100 MHz
Unit
Min Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com