Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56307/D Datasheet(PDF) 83 Page - NXP Semiconductors

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56307/D Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button DSP56307/D Datasheet HTML 79Page - NXP Semiconductors DSP56307/D Datasheet HTML 80Page - NXP Semiconductors DSP56307/D Datasheet HTML 81Page - NXP Semiconductors DSP56307/D Datasheet HTML 82Page - NXP Semiconductors DSP56307/D Datasheet HTML 83Page - NXP Semiconductors DSP56307/D Datasheet HTML 84Page - NXP Semiconductors DSP56307/D Datasheet HTML 85Page - NXP Semiconductors DSP56307/D Datasheet HTML 86Page - NXP Semiconductors DSP56307/D Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 156 page
background image
Specifications
External Memory Interface (Port A)
MOTOROLA
DSP56307 Technical Data
2-47
Synchronous Timings
Table 2-17
External Bus Synchronous Timings1
No.
Characteristics
Expression2,3
100 MHz4
Unit
Min
Max
198 CLKOUT high to address, and AA valid5
0.25
× T
C + 4.0
Ñ
6.5
ns
199 CLKOUT high to address, and AA invalid5
0.25
× T
C
2.5
Ñ
ns
200 TA valid to CLKOUT high (setup time)
Ñ
4.0
Ñ
ns
201 CLKOUT high to TA invalid (hold time)
Ñ
0.0
Ñ
ns
202 CLKOUT high to data out active
0.25
× T
C
2.5
Ñ
ns
203 CLKOUT high to data out valid
0.25
× T
C + 4.0
3.3
6.5
ns
204 CLKOUT high to data out invalid
0.25
× T
C
2.5
Ñ
ns
205 CLKOUT high to data out high impedance
0.25
× T
C
Ñ
2.5
ns
206 Data in valid to CLKOUT high (setup)
Ñ
4.0
Ñ
ns
207 CLKOUT high to data in invalid (hold)
Ñ
0.0
Ñ
ns
208 CLKOUT high to RD assertion
0.75
× T
C + 4.0
8.2
11.5
ns
209 CLKOUT high to RD deassertion
Ñ
0.0
4.0
ns
210 CLKOUT high to WR assertion6
¥
100 MHz
¥
All frequencies
For WS = 1 or WS
≥ 4
0.5
× T
C + 4.3
For 2
≤ WS ≤ 3
6.3
1.3
9.3
4.3
ns
ns
211 CLKOUT high to WR deassertion
Ñ
0.0
3.8
ns
Notes:
1.
External bus synchronous timings should be used only for reference to the clock and not for
relative timings.
2.
WS is the number of wait states specified in the BCR.
3.
The asynchronous delays specified in the expressions are valid for DSP56307.
4.
For operation at greater than 80MHz, we recommend that you set the asynchronous bus
enable bit (ABE) in the OMR to activate asynchronous bus arbitration.
5.
T198 and T199 are valid for Address Trace mode if the ATE bit in the OMR is set. Use the
status of BR (See T212) to determine whether the access referenced by A0ÐA23 is internal or
external, when this mode is enabled
6.
If WS > 1, WR assertion refers to the next rising edge of CLKOUT.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com