Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56307/D Datasheet(PDF) 43 Page - NXP Semiconductors

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56307/D Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button DSP56307/D Datasheet HTML 39Page - NXP Semiconductors DSP56307/D Datasheet HTML 40Page - NXP Semiconductors DSP56307/D Datasheet HTML 41Page - NXP Semiconductors DSP56307/D Datasheet HTML 42Page - NXP Semiconductors DSP56307/D Datasheet HTML 43Page - NXP Semiconductors DSP56307/D Datasheet HTML 44Page - NXP Semiconductors DSP56307/D Datasheet HTML 45Page - NXP Semiconductors DSP56307/D Datasheet HTML 46Page - NXP Semiconductors DSP56307/D Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 156 page
background image
Specifications
External Clock Operation
MOTOROLA
DSP56307 Technical Data
2-7
Figure 2-2
External Clock Timing
Table 2-5
Clock Operation
No.
Characteristics
Symbol
100 MHz
Min
Max
1
Frequency of EXTAL (EXTAL pin frequency)
The rise and fall time of this external clock should
be 3 ns maximum.
Ef
0
100.0
2
EXTAL input high1, 2
¥
With PLL disabled (46.7%Ð53.3% duty
cycle3)
¥
With PLL enabled (42.5%Ð57.5% duty
cycle3)
ETH
4.67 ns
4.25 ns
∞
157.0
µs
3
EXTAL input low1, 2
¥
With PLL disabled (46.7%Ð53.3% duty
cycle3)
¥
With PLL enabled (42.5%Ð57.5% duty
cycle3)
ETL
4.67 ns
4.25 ns
∞
157.0
µs
4
EXTAL cycle time2
¥
With PLL disabled
¥
With PLL enabled
ETC
10.00 ns
10.00 ns
∞
273.1
µs
5
CLKOUT change from EXTAL fall with PLL
disabled
Ñ
4.3 ns
11.0 ns
EXTAL
VILC
VIHC
Midpoint
Note:
The midpoint is 0.5 (VIHC + VILC).
ETH
ETL
ETC
CLKOUT With
PLL Disabled
CLKOUT With
PLL Enabled
7
5
7
6b
5
3
4
2
AA0459
6a
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com