Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC750EC/D Datasheet(PDF) 30 Page - NXP Semiconductors

Part # MPC750EC/D
Description  MPC750A RISC Microprocessor Hardware Specifications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC750EC/D Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button MPC750EC/D Datasheet HTML 26Page - NXP Semiconductors MPC750EC/D Datasheet HTML 27Page - NXP Semiconductors MPC750EC/D Datasheet HTML 28Page - NXP Semiconductors MPC750EC/D Datasheet HTML 29Page - NXP Semiconductors MPC750EC/D Datasheet HTML 30Page - NXP Semiconductors MPC750EC/D Datasheet HTML 31Page - NXP Semiconductors MPC750EC/D Datasheet HTML 32Page - NXP Semiconductors MPC750EC/D Datasheet HTML 33Page - NXP Semiconductors MPC750EC/D Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
30
MPC750A RISC Microprocessor Hardware Specifications
Package Description
Figure 16. Mechanical Dimensions and Bottom Surface Nomenclature of the MPC740
1.7.3 Parameters for the MPC750
The package parameters are as provided in the following list. The package type is 25 x 25 mm, 360-lead
ceramic ball grid array (CBGA).
Package outline
25 x 25 mm
Interconnects
360 (19 x 19 ball array - 1)
Pitch
1.27 mm (50 mil)
Minimum module height
2.65 mm
Maximum module height
3.20 mm
Ball diameter
0.89 mm (35 mil)
Notes:
Dimensioning and tolerancing per
ASME Y14.5M, 1994.
Dimensions in millimeters.
Top side A1 corner index is a metalized
feature with various shapes. bottom side
A1 corner is designated with a ball
0.2
B
C
255X
D
2X
A1 CORNER
E
e
E1
D1
0.2
2X
B
A
123456789 10 11 12 13 14 15 16
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
e/2
A
0.3
C
0.15
b
e/2
A
A1
A2
C
0.15 C
M
Millimeters
DIM
Min
Max
A
2.45
3.00
A1
0.79
0.99
A2
0.9
1.10
b
0.82
0.93
D
21.00 BSC
D1
8.3
8.5
e
1.27 BSC
E
21.00 BSC
E1
9.0
9.2
M
2.00
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com