Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC750EC/D Datasheet(PDF) 33 Page - NXP Semiconductors

Part # MPC750EC/D
Description  MPC750A RISC Microprocessor Hardware Specifications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC750EC/D Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button MPC750EC/D Datasheet HTML 29Page - NXP Semiconductors MPC750EC/D Datasheet HTML 30Page - NXP Semiconductors MPC750EC/D Datasheet HTML 31Page - NXP Semiconductors MPC750EC/D Datasheet HTML 32Page - NXP Semiconductors MPC750EC/D Datasheet HTML 33Page - NXP Semiconductors MPC750EC/D Datasheet HTML 34Page - NXP Semiconductors MPC750EC/D Datasheet HTML 35Page - NXP Semiconductors MPC750EC/D Datasheet HTML 36Page - NXP Semiconductors MPC750EC/D Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
MPC750A RISC Microprocessor Hardware Specifications
33
System Design Information
Table 18 provides sample core-to-L2 frequencies.
1.8.2 PLL Power Supply Filtering
The AVdd and L2AVdd power signals are provided on the MPC750 to provide power to the clock
generation phase-locked loop and L2 cache delay-locked loop respectively. To ensure stability of the
internal clock, the power supplied to the AVdd input signal should be filtered using a circuit similar to the
one shown in Figure 18. The circuit should be placed as close as possible to the AVdd pin to ensure it filters
out as much noise as possible. An identical but separate circuit should be placed as close as possible to the
L2AVdd pin.
Figure 18. PLL Power Supply Filter Circuit
1.8.3 Decoupling Recommendations
Due to the MPC750’s dynamic power management feature, large address and data buses, and high
operating frequencies, the MPC750 can generate transient power surges and high frequency noise in its
power supply, especially while driving large capacitive loads. This noise must be prevented from reaching
other components in the MPC750 system, and the MPC750 itself requires a clean, tightly regulated source
of power. Therefore, it is recommended that the system designer place at least one decoupling capacitor at
each Vdd and OVdd pin (and L2OVdd for the 360 CBGA) of the MPC750. It is also recommended that
these decoupling capacitors receive their power from separate Vdd, OVdd, and GND power planes in the
PCB, utilizing short traces to minimize inductance.
Table 18. Sample Core-to-L2 Frequencies
Core Frequency in
MHz
÷1
÷1.5
÷2
÷2.5
÷3
200
200
133.3
100
80
—
208.3
208
138.6
104
83.3
—
210
210
140
105
84
—
220
220
146.6
110
88
—
225
225
150
112.5
90
—
233.3
233.3
155.5
116.6
93.3
—
240
240
160
120
96
80
266
266
177.3
133
106.4
88.6
Note: The core and L2 frequencies are for reference only. Some configurations may select core or L2
frequencies which are not useful, not supported, or not tested for by the MPC750; see
Section 1.4.2.4, “L2 Clock AC Specifications,” for valid L2CLK frequencies. The L2CR[L2SL]
bit should be set for L2CLK frequencies less than 110 MHz.
Vdd
AVdd (or L2AVdd)
10
Ω
10 µF
0
.1 µF
GND
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com