Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC750EC/D Datasheet(PDF) 40 Page - NXP Semiconductors

Part # MPC750EC/D
Description  MPC750A RISC Microprocessor Hardware Specifications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC750EC/D Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button MPC750EC/D Datasheet HTML 36Page - NXP Semiconductors MPC750EC/D Datasheet HTML 37Page - NXP Semiconductors MPC750EC/D Datasheet HTML 38Page - NXP Semiconductors MPC750EC/D Datasheet HTML 39Page - NXP Semiconductors MPC750EC/D Datasheet HTML 40Page - NXP Semiconductors MPC750EC/D Datasheet HTML 41Page - NXP Semiconductors MPC750EC/D Datasheet HTML 42Page - NXP Semiconductors MPC750EC/D Datasheet HTML 43Page - NXP Semiconductors MPC750EC/D Datasheet HTML 44Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
40
MPC750A RISC Microprocessor Hardware Specifications
System Design Information
The following section provides a heat sink selection example using one of the commercially available heat
sinks.
1.8.7.3 Heat Sink Selection Example
For preliminary heat sink sizing, the die-junction temperature can be expressed as follows:
Tj = Ta + Tr + (θjc + θint + θsa) * Pd
Where:
Tj is the die-junction temperature
Ta is the inlet cabinet ambient temperature
Tr is the air temperature rise within the computer cabinet
θ
jc is the junction-to-case thermal resistance
θ
int is the adhesive or interface material thermal resistance
θ
sa is the heat sink base-to-ambient thermal resistance
Pd is the power dissipated by the device
During operation the die-junction temperatures (Tj) should be maintained less than the value specified in
Table 3. The temperature of the air cooling the component greatly depends upon the ambient inlet air
temperature and the air temperature rise within the electronic cabinet. An electronic cabinet inlet-air
temperature (Ta) may range from 30 to 40 °C. The air temperature rise within a cabinet (Tr) may be in the
range of 5 to 10 °C. The thermal resistance of the thermal interface material (
θ
int) is typically about 1
°C/W. Assuming a Ta of 30 °C, a Tr of 5 °C, a CQFP package θjc = 2.2, and a power consumption (Pd) of
4.5 watts, the following expression for Tj is obtained:
Die-junction temperature: Tj = 30 °C + 5 °C + (2.2 °C/W + 1.0 °C/W + θsa) * 4.5 W
For a Thermalloy heat sink #2328B, the heat sink-to-ambient thermal resistance (
θ
sa) versus airflow
velocity is shown in Figure 23.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com