Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EB632 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 18Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 19Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 20Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 21Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 22Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 23Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 24Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 25Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
22
Freescale Semiconductor
Memory Map
7
Memory Map
The 2K87M mask adds the IMMMR to the memory map. The 2K87M memory map for Bank1 of the QBus is
shown in Table 16.
8
ORx in UPM Mode
In UPM mode, the 2K42A mask uses the previously undefined bit 27 in the ORx to add a wait state to the memory
cycle when set. In the 2K87M mask set, this bit is undefined.
9HDI16
The 2K87M mask set defines additional bits in the Interface Control Register (ICR) and Interface Status Register
(ISR) to support HDI16 bursts of various sizes. This affects the conditions used to assert or deassert the HREQ
signal. The following sections compare the register layouts for the two mask sets and indicate the changes to the
logic used to assert the HREQ signal.
9.1
Interface Control Register (ICR) Changes
The following sections list the ICR layout and definitions for the 2K42A and 2K87M mask sets.
9.1.1 2K42A Mask Set ICR Definitions
Table 16. Mask Set 2K87M QBus Memory Map—Bank1
SC140 Core
Internal Address
Mnemonic
Name
Size
Boot ROM
0000–07FF
BOOTROM
MSC8103 boot ROM
2 KB
0800–FFBF
Reserved
Leave unchanged for future compatibility
63 KB – 64 bytes
FFC0
IMMMR
Internal Memory Map Mirror Register
32 bits
FFC4–FFFF
Reserved
Leave unchanged for future compatibility
60 bytes
ICR
Mask Set 2K42A Interface Control Register (DMA = 0, HICR = 1)
0x0
Bit
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
HF0
HF1
INIT
HM
HF2
HF3 HDRQ TREQ RREQ
Type
R/W
Reset
See Table 18 on page 25
ICR
Mask Set 2K42A Interface Control Register (DMA = 1, HICR = 1)
0x0
Bit
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
HF0
HF1
INIT
HM
HF2
HF3
TREQ RREQ
Type
R/W
Reset
See Table 18 on page 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com