Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EB632 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 29Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 30Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 31Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 32Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 33Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 34Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 35Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 36Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 112 page
background image
HDI16
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
33
HREQ
8
HREQ Status
HREQ indicates the status of the external transmit and
receive request output signals (HTRQ and HRRQ) if HDRQ
is set. If HDRQ is cleared, it indicates the status of the
external host request output signal (HREQ). The HREQ bit
can be set under either or both of two conditions: the
Receive Word Registers (RX[0–3]) are full or the Transmit
Word Registers (TX[0–3]) are empty. These conditions are
indicated by the ISR RXDF and TXDE status bits,
respectively. If the interrupt source has been enabled by the
associated request enable bit in the ICR, HREQ is set if one
or more of the two enabled interrupt sources is set.
If HDRQ is cleared:
0
No host processor interrupts requested.
1
Interrupt requested.
If HDRQ is set:
0
No host processor interrupts requested (HTRQ and
HRRQ cleared).
1
Interrupt requested (HTRQ or HRRQ set).
HF[4–7]
9–12
Host Flags 4–7
Indicates the state of host flags 4
7 in the HCR on the core
side. Only the SC140 core can change HF[4
7].
TRDY
13
TRDY Status
Indicates whether the Transmit Word Registers TX[0
3] and
the HORX FIFO are empty. TRDY is set if TXDE is set and
HRFNE is cleared. If TRDY is set, the data that the host
processor writes to TX[0
3] is immediately transferred to the
core side of the HDI16 and can be read by the SC140 core.
This feature has many applications. For example, if the host
processor issues a host command that causes the SC140
core to read HORX, the host processor can be certain that
the data it just transferred to the HDI16 is the same data
received by the SC140 core.
0TX[0
3] and the HORX FIFO are not empty.
1
TX[0–3] and the HORX FIFO are empty.
TXDE
14
Transmit Data Empty
Indicates whether the Transmit Word Registers (TX[0
3])
are empty and can be written by the host processor. TXDE is
set when the contents of the TX[0
3] registers are
transferred to the HORX register. TXDE is cleared when the
host processor writes to the transmit data registers (TX) and
the HORX FIFO is full. The host processor sets TXDE using
the initialize function. TXDE can assert the external
HREQ/HTRQ signal if the TREQ bit is set. Regardless of
whether the TXDE interrupt is enabled, TXDE indicates
whether the TX registers are full and data can be latched in
so that the host processor can use polling techniques.
0
The TX registers are not empty.
1
The TX registers are empty and can be written by the
host processor.
RXDF
15
Receive Data Full
Indicates whether the Receive Word Registers (RX[0
3])
contain data from the SC140 core and can be read by the
host processor. RXDF is set when the HOTX is transferred
to the RX[0
3] registers. RXDF is cleared when the host
processor reads the receive data registers (RX) at the last
address and the HOTX FIFO is empty. The host processor
can clear RXDF using the initialize function. RXDF can be
used to assert the external HREQ/HRRQ signal if RREQ is
set.
Regardless of whether the RXDF interrupt is enabled, RXDF
indicates whether the RX registers are full and data can be
latched out, so that the host processor can use polling
techniques.
0
The RX registers are not full.
1
The RX registers are full and can be read by the host
processor.
Note:
A status bit is set when there are a number of empty/full bytes more than the status bit indicates. For example, if there are 32
empty bytes, all three relevant status bits (TXDE32, TXDE16, and TXDE) are set.
Table 30. 2K87M Mask Set ISR Bit Descriptions (Continued)
Name
Description
Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com