Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EB632 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 12Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 13Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 14Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 15Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 16Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 17Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 18Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 19Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
16
Freescale Semiconductor
Clock System
6.2
System Clock Mode Register (SCMR) Changes
The 2K42A and 2K87M mask sets use different SCMR definitions. The following sections describe the SCMR
definitions for each mask set.
6.2.1 2K42A Mask Set SCMR Field Definitions
SCMR is a read-only register that is updated during power-on reset (PORESET) and provides the mode control
signals to the PLLs, DLL, and clock logic. This register reflects the currently defined configuration settings.
Bit
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
COREPDF
COREMF
BUSDF
CPMDF
Type
R
Reset
Bit
1617
18
192021
22
232425
26
272829
30
31
SPLLPDF
SPLLMF
DLLDIS
Type
R
Reset
Figure 6. 2K42A Mask Set System Clock Mode Register (SCMR)—0x10C88
Table 10. 2K42A Mask Set SCMR Bit Descriptions
Name
Bit No.
Defaults
Description
Settings
PORESET
Hard Reset
0–1
——
Reserved
COREPDF
2–3
Configuration
Pins
Unaffected
Core PLL Pre-Division Factor
Not used.
COREMF
4–7
Configuration
Pins
Unaffected
Core Multiplication Factor
Not used
BUSDF
8–11
Configuration
Pins
Unaffected
60x Bus Division Factor
0010
Bus DF = 3
0011
Bus DF = 4
0100
Bus DF = 5
All other combinations not used.
CPMDF
12–15
Configuration
Pins
Unaffected
CPM Division Factor
0001 CPM DF = 2
All other combinations are not used.
SPLLPDF
16–19
Configuration
Pins
Unaffected
SPLL Pre-Division Factor
0000
SPLL PDF = 1
0001
SPLL PDF = 2
0010
SPLL PDF = 3
0011
SPLL PDF = 4
All other combinations not used
SPLLMF
20–23
Configuration
Pins
Unaffected
SPLL Multiplication Factor
0110
SPLL MF = 12
0111
SPLL MF = 14
1000
SPLL MF = 16
1001
SPLL MF = 18
1010
SPLL MF = 20
1011
SPLL MF = 22
1100
SPLL MF = 24
1101
SPLL MF = 26
1110
SPLL MF = 28
1111
SPLL MF = 30
All other combinations not used
24
——
Reserved
DLLDIS
25
Configuration
Pins
Unaffected
DLL Disable
0
DLL operation is enabled
1
DLL is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com