Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EB632 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 32Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 33Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 34Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 35Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 36Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 37Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 38Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 39Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
36
Freescale Semiconductor
DMA Transfer Code Definitions
10 DMA Transfer Code Definitions
The TC code definitions for mask sets 2K42A and 2K87M are as follows:
11 Interrupt System
11.1 SCPRR_L and SCPRR_L_EXT Changes
For mask set 2K87M, the TC layer interrupts are configured with the SCCs using the YCC entries defined by the
CPM Low Interrupt Priority Registers (SCPRR_L and SCPRR_L_EXT). For the fields YC1P–YC8P in each
register, the value 100 (which was reserved for mask set 2K42A) is reassigned to “TC layer asserts its request in the
YCCn position.”
11.2 TC Layer Interrupts
The TC layer accesses use interrupt vector 44 (this was reserved for mask set 2K42A).
12 Debugging
12.1 JTAG ID Changes
The JTAG ID value for the 2K42A mask set is 0x0188201D. The JTAG ID value for the 2K87M mask set is
0x1188201D.
12.2 EOnCE Status Register (ESR) Values
For the 2K42A mask set, ESR[REVNO] = 1 and ESR[CORETP] =1. For the 2K87M mask, ESR[REVNO] = 2 and
ESR[CORETP] = 2.
12.3 EOnCE Counter Register Values
For the 2K42A mask set, the Event Counter Value Register (ECNT_VAL) and the Extension Counter Value
Register (ECNT_EXT) have a maximum value of 0xFFFFFFFF. For the 2K87M mask set, the most significant bit
(MSB) of these registers is hard-wired to 0, limiting the maximum register value to 0x7FFFFFFF. When reading
either register, the MSB is always zero. For future compatibility, always write a 0 to the MSB of these registers.
Table 31. Transfer Code Encoding
TC[0–2]
2K42A
2K87M
000
Reserved
Reserved
001
Reserved
Reserved
010
Reserved
Reserved
011
Reserved
Reserved
100
Reserved
DMA function code 0
101
SC140 core
SC140 core/DMA function code 1
110
SDMA/DMA function code 0
SDMA
111
SDMA/DMA function code 1
SDMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com