Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EB632 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 24Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 25Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 26Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 27Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 28Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 29Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 30Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 31Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
28
Freescale Semiconductor
HDI16
HM/HDM
9–10
Host Mode/Host DMA Mode
When host DMA mode is enabled, if HCR[HICR] is set, the HREQ pin
requests DMA transfers, the TREQ and RREQ bits select the direction of
DMA transfers, and the HACK input pin is used as a DMA transfer
acknowledge input, if OAE in HPCR is cleared. If the DMA direction is
from core to host, the contents of the selected register are written to the
host data bus when HACK is asserted. If the DMA direction is from host
to core, the selected register is read from the host data bus when HACK
is asserted.
If HPCR[OAE] is set, a host read or write to host address 0x4 is used as
a DMA transfer acknowledge. If the DMA direction is from core to host,
the contents of the selected register are written to the host data bus when
the host reads from host address 0x4. If the DMA direction is from host to
core, the selected register is read from the host data bus when the host
writes to host address 0x4.
HM also controls the size of the DMA word to be transferred. The HDI16
data register selected during a host DMA transfer is determined by a 2-bit
address counter, which is preloaded with the value in HM. The address
counter replaces the HA[0–1] bits of the HDI16 during a host DMA
transfer. The address counter can be initialized with the INIT bit feature.
After each DMA transfer on the host data bus, the address counter is
decremented. When the address counter reaches the last register, the
address counter is loaded with the value in HM.
Thus, 16-bit, 32-bit, 48-bit, or 64-bit data can be transferred in a circular
fashion, and the need is eliminated for the DMA controller to supply the
HA0–2] pins (HPCR bit OAE=0) or to read/write at host address 0x4
(HPCR bit OAE=1). For 32-, 48- or 64-bit data transfers, the core CPU
interrupt rate is reduced by a factor of 2, 3, or 4, respectively, from the
host request rate. That is, for every two or three host processor data
transfers of one byte each, there is only one 64-bit core CPU interrupt.
This bit is available only in ICR mode (HCR[HICR] = 1).
When the HDI16 is in ICR priority non-DMA mode (the HPCR[DMA] bit is
cleared and HCR[HICR] is set), data transfer size is defined by HM, as
described in Table 28. The transfer size causes the RX
x/TXx register
read/write at the last (trigger) address to clear the RXDF/TXDE bits,
respectively.
HF2
11
Host Flag 2
A general-purpose flag for host-to-core communication. The host
processor can set or clear HF2. HF2 is reflected in the HSR on the core
side of the HDI16.
HF3
12
Host Flag 3
A general-purpose flag for host-to-core communication. The host
processor can set or clear HF3. HF3 is reflected in the HSR on the core
side of the HDI16.
HDRQ
13
HREQ/HTRQ and HACK/HRRQ Pin Control
Controls the HREQ/HTRQ and HACK/HRRQ pins. If HDRQ is cleared,
the HREQ/HTRQ pin functions as a single HREQ. If HDRQ is set, the
HREQ/HTRQ and HACK/HRRQ pins function as HTRQ and HRRQ,
respectively. This bit is available only in non-DMA (interrupt) mode
(HPCR[DMA] = 0).
Table 23.
2K87M Mask Set ICR Bit Descriptions (Continued)
Name
Description
Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com