Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EB632 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 51Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 52Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 53Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 54Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 55Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 56Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 57Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 58Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 112 page
background image
CPM
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
55
6.
Program the serial interface (SI). Program the SI to retrieve the data bits (192 bits) out of the T1 frame (193
bits). The SI frame pattern is programmed in the SI RAM (Rx or Tx), as shown in Table 44.
7.
Enable TDM. The Initialize the serial interface registers and enable TDMx—in this case TDMA on SI1, as
shown in Table 45.
14.5 New MCC Host Commands
Four new MCC commands are added by the 2K87M mask set as part of the CP command opcodes. Table 46 lists
the new CP command opcodes changed in the 2K87M mask set. The fields are identical to those defined in the
2K42A mask set, except that definitions have been added for the MCC.
Table 47 describes the additional commands listed in Table 46; all other commands are unchanged and are as
described in the MSC8101 Reference Manual.
Table 44. Programming the SI RAM (Rx or Tx) for a T1 Application
Init Values
Description
SI_RAM[00] = 0x0000
1 bit is ignored.
SI_RAM[02] = 0x015E
Route 8 bytes to FCC2.
SI_RAM[04] = 0x015E
Route 8 bytes to FCC2.
SI_RAM[06] = 0x015F
Route 8 bytes to FCC2 and go back to the first entry in table.
Table 45. Programming SI Registers to enable TDM
Init Values
Description
SI1AMR = 0x0040
Common Receive and Transmit Pins for TDMa
SI1GMR = 01
Enable TDMA
Table 46. 2K87M Mask Set CP Command Opcodes
Opcode
Channel
FCC
SCC
SMC (UART/
Transparent)
SMC
(GCI)
SPI
I2C
IDMA
MCC
Timer
Special
0011
ENTER HUNT
MODE
ENTER HUNT
MODE
ENTER HUNT
MODE
——
INIT RX
AND TX
PARAMS
(one
channel)
——
0101
GRACEFUL
STOP TX
GRACEFUL
STOP TX
——
INIT TX
PARAMS
(one
channel)
——
0110
RESTART TX
RESTART TX
RESTART TX
——
INIT RX
PARAMS
(one
channel)
——
0111
CLOSE
RX BD
CLOSE
RX BD
CLOSE
RX BD
CLOSE
RX BD
CLOSE
RX BD
MCC
RESET
——



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com