Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC28F128J3F75 Datasheet(PDF) 29 Page - Numonyx B.V

Part # PC28F128J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC28F128J3F75 Datasheet(HTML) 29 Page - Numonyx B.V

Back Button PC28F128J3F75 Datasheet HTML 25Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 26Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 27Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 28Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 29Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 30Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 31Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 32Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 33Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 67 page
background image
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Datasheet
28
7.2
Program, Erase, Block-Lock Specifications
7.3
Reset Specifications
Note:
STS is shown in its default mode (RY/BY#).
Table 13: Configuration Performance
#
Symbol
Parameter
Typ
Max
Unit
Notes
W200
tPROG/W
Program Time
Single word
40
175
µs
1,2,3,4,6
W250
tPROG
Buffer Program Time
Aligned 16 Words BP Time (32 Bytes)
128
654
µs
1,2,3,4,5,6
Aligned 128 Words BP Time (256 Bytes)
400
2000
µs
1,2,3,4,5,6
Aligned 256 Words BP Time
720
3600
µs
1,2,3,4,5,6
W501
tERS/AB
Block Erase Time
1.0
4.0
sec
1,2,3,4,6
W650
tlks
Set Lock-Bit Time
50
60
µs
1,2,3,4,6
W651
tlkc
Clear Block Lock-Bits Time
0.5
1
sec
1,2,3,4,6
W600
tSUSP/P
Program Suspend Latency Time to Read
15
20
µs
1,2,3,6
W601
tSUSP/E
Erase Suspend Latency Time to Read
15
20
µs
1,2,3,6
W602
tERS/SUSP Erase to Suspend
500
—
µs
1,7
W652
tSTS
STS Pulse Width Low Time
500
—
ns
1
W702
tBC/MB
blank check
Array Block
3.2
—
ms
—
Notes:
1.
Typical values measured at TA = +25 °C and nominal voltages. Assumes corresponding lock-bits are not set. Subject to
change based on device characterization.
2.
These performance numbers are valid for all speed versions.
3.
Sampled but not 100% tested.
4.
Excludes system-level overhead.
5.
These values are valid when the buffer is full, and the start address is aligned.
6.
Max values are measured at worst case temperature, data pattern and VCC corner within 100K cycles. But for W650, W651,
W600 and W601, the Max value are expressed at +25 °C or -40 °C.
7.
W602 is the typical time between an initial block erase or erase resume command and then a subsequent erase suspend
command. Violating the specification repeatedly during any particular block erase may cause erase failures.
Figure 12: AC Waveform for Reset Operation
P3
P1
P2
P1
STS (R)
RP# (P)
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com