Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC28F128J3F75 Datasheet(PDF) 35 Page - Numonyx B.V

Part # PC28F128J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC28F128J3F75 Datasheet(HTML) 35 Page - Numonyx B.V

Back Button PC28F128J3F75 Datasheet HTML 31Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 32Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 33Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 34Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 35Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 36Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 37Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 38Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 39Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 67 page
background image
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Datasheet
34
9.0
Flash Operations
This section describes the operational features of flash memory. Operations are
command-based, wherein command codes are first issued to the device, then the
device performs the desired operation. All command codes are issued to the device
using bus-write cycles (see Chapter 8.0, “Bus Interface”). A complete list of available
command codes can be found in Section 11.0, “Device Command Codes” on page 47.
9.1
Status Register
The Status Register (SR) is an 8-bit, read-only register that indicates device status and
operation errors. To read the Status Register, issue the Read Status Register command.
Subsequent reads output Status Register information on DQ[7:0], and 00h on
DQ[15:8].
SR status bits are set and cleared by the device. SR error bits are set by the device, but
must be cleared using the Clear Status Register command. Upon power-up or exit from
reset, the Status Register defaults to 80h. Page-mode reads are not supported in this
read mode. Status Register contents are latched on the falling edge of OE# or CEX (CEX
low is defined as the combination of pins CE0, CE1, and CE2 that enable the device.
CEX high is defined as the combination of pins CE0, CE1, and CE2 that disable the
device). OE# must toggle to VIH or the device must be disabled before further reads to
update the Status Register latch. The Read Status Register command functions
independently of VPEN voltage.
Table 20 shows Status Register bit definitions.
Table 20: Status Register Bit Definitions
Status Register (SR)
Default Value = 80h
Ready
Status
Erase
Suspend
Status
Erase
Error
Program
Error
Program/
Erase
Voltage
Error
Program
Suspend
Status
Block-Locked
Error
Reserved
76
5
4
3
2
1
0
Bit
Name
Description
7Ready Status
0 = Device is busy. SR[6:0] are invalid (Not driven);
1 = Device is ready. SR[6:0] are valid.
6Erase Suspend Status
0 = Erase suspend not in effect.
1 = Erase suspend in effect.
5
Erase Error
Command
Sequence
Error
SR.5 SR.4
0
0 = Program or erase operation successful.
0
1 = Program error - operation aborted.
1
0 = Erase error - operation aborted.
1
1 = Command sequence error - command aborted.
4
Program
Error
3
Program/Erase Voltage Error
0 = Within acceptable limits during program or erase operation.
1 = Not within acceptable limits during program or erase operation - Operation
aborted.
2
Program Suspend Status
0 = Program suspend not in effect.
1 = Program suspend in effect.
1Block-Locked Error
0 = Block NOT locked during program or erase - operation successful.
1 = Block locked during program or erase - operation aborted.
0
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com